Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 53 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
8.2.3.3 Application Curves
Output Current (A)
0
5
10
15
20
70
75
80
85
90
95
100
VIN = 36V
VIN = 48V
VIN = 60V
25°C ambient temperature
Figure 8-21. Efficiency vs IOUT, PFM/SYNC Tied Low
2ms/DIV
EN 1V/DIV
VOUT 2V/DIV
IOUT 5A/DIV
PG1 1V/DIV
VIN = 48V, VEN1 = VEN2
10A resistive load
Figure 8-22. Enable ON and OFF Characteristic
1ms/DIV
VIN 20V/DIV
VOUT 2V/DIV
IOUT 5A/DIV
PG1 1V/DIV
VIN stepped to 48V
10A resistive load
Figure 8-23. Start-Up Characteristic
1ms/DIV
VIN 10V/DIV
VOUT 2V/DIV
PG1 1V/DIV
VIN ramped to 65V
10A resistive load
Figure 8-24. Prebiased Start-Up Characteristic
100µs/DIV
VIN 5V/DIV
VOUT 2V/DIV
IOUT 5A/DIV
PG1 1V/DIV
VIN decreasing from 48V
10A resistive load
Figure 8-25. Shutdown Characteristic
1µs/DIV
SW1 10V/DIV
SW2 10V/DIV
VIN = 48V
10A load
Figure 8-26. Switch-node Voltages
www.ti.com
LM5137
SNVSCU3 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com