Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
6.5 Electrical Characteristics (continued)
Typical values are at TJ = 25°C. Minimum and maximum limits apply at TJ = –40°C to 150°C. VIN = 12V, unless otherwise
stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVDDA-REG
VDDA regulation voltage
5
V
RVDDA
VDDA resistance to VCC
12
Ω
EXTERNAL BIAS (BIAS1)
VBIAS-ON
VBIAS1/VOUT1 rising
4.1
4.3
4.5
V
VBIAS-HYST
Bias hysteresis voltage
130
mV
REFERENCE VOLTAGE (FB1, FB2)
VREF1
Regulated FB voltage
792
800
808
mV
PRECISION ENABLE (EN1, EN2)
VSDN1/2
Shutdown-to-standby threshold
VEN1/2 rising
0.6
V
VEN1/2-HIGH
Enable voltage rising threshold
VEN1/2 rising, switching enabled
0.95
1.0
1.05
V
VEN1/2-HYS
Enable hysteresis voltage
50
mV
IEN1/2-HYS
Enable hysteresis current
VEN1/2 = 1.1V
–12
–10
–8
µA
OUTPUT VOLTAGE (VOUT1/BIAS1, VOUT2)
VOUT1/2-3.3V
3.3V fixed output setpoint
RFB1/2 = 7.5kΩ, 4V ≤ VVIN ≤ 80V
3.267
3.3
3.33
V
VOUT1/2-5V
5V fixed output setpoint
RFB1/2 = 24.9kΩ
4.95
5
5.05
V
VOUT1/2-12V
12V fixed output setpoint
RFB1/2 = 48.7kΩ, 13V ≤ VVIN ≤ 80V
11.82
12
12.18
V
ERROR AMPLIFIER (COMP1, COMP2)
gm1/2
EA transconductance
ΔVFB1/2 ± 50mV
400
600
µS
VCOMP1/2-CLAMP
COMP clamp voltage
VFB1/2 = 0V
1.75
V
ICOMP1/2-SRC
EA source current
VCOMP1/2 = 1V, VFB1/2 = 0.6V
120
µA
ICOMP1/2-SINK
EA sink current
VCOMP1/2 = 1V, VFB1/2 = 1V
120
µA
VDRIVER1/2-DISABLE
COMP threshold voltage below which the
driver is disabled
100
mV
POWER GOOD (PG1, PG2)
VPG1/2-OV
PG1/2 overvoltage
Rising threshold
103
105
107
%
VPG1/2-OV-HYST
PG1/2 OV hysteresis
1
%
VPG1/2-UV
PG1/2 undervoltage
Falling threshold
93
95
97
%
VPG1-UV-HYST
PG1/2 UV hysteresis
1
%
t-PG1/2-DEGLITCH(R)
PG1/2 deglitch rising
1.4
2
2.6
ms
t-PG1/2-DEGLITCH(F)
PG1/2 deglitch falling
60
90
120
µs
RPG1/2(on)
PG1/2 on resistance
Open drain, IPG1/2 = 250µA
100
250
Ω
SWITCHING FREQUENCY (RT)
FSW1
Switching frequency 1
RRT = 100kΩ to AGND
230
kHz
FSW2
Switching frequency 2
RRT = 10kΩ to AGND
1.98
2.2
2.42
MHz
FSW3
Switching frequency 3
RRT = 230kΩ to AGND
100
kHz
SLOPE1
Internal slope compensation 1
RRT = 10kΩ to AGND
500
mV/µs
SLOPE2
Internal slope compensation 2
RRT = 100kΩ to AGND
42
mV/µs
tON(min)
PWM minimum on-time
22
35
ns
tOFF(min)
PWM minimum off-time
Measured at nominal frequency, before the
frequency folds back to achieve 100% duty
cycle
45
ns
DMAX
Maximum duty cycle
100
%
SYNCHRONIZATION OUTPUT (SYNCOUT)
VSYNCOUT-HO
SYNCOUT high-state voltage
ISYNCOUT = –4mA
2
V
VSYNCOUT-LO
SYNCOUT low-state voltage
ISYNCOUT = 4mA
0.8
V
tSYNCOUT1
Delay from HO1 rising edge to SYNCOUT
rising edge
VPFM/SYNC = 0V, TS = 1/FSW, FSW set by RRT
= 230kΩ
2.5
µs
tSYNCOUT2
Delay from HO1 rising edge to SYNCOUT
falling edge
VPFM/SYNC = 0V, TS = 1/FSW, FSW set by RRT
= 230kΩ
7.5
µs
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com