Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4032B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4032B
Description  TRIPLE SERIAL ADDERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4032B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4032B Datasheet HTML 2Page - STMicroelectronics HCC4032B Datasheet HTML 3Page - STMicroelectronics HCC4032B Datasheet HTML 4Page - STMicroelectronics HCC4032B Datasheet HTML 5Page - STMicroelectronics HCC4032B Datasheet HTML 6Page - STMicroelectronics HCC4032B Datasheet HTML 7Page - STMicroelectronics HCC4032B Datasheet HTML 8Page - STMicroelectronics HCC4032B Datasheet HTML 9Page - STMicroelectronics HCC4032B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
all input rise and fall time = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PHL ,
t PLH
Propagation Delay Time A, B, or
Inverter Inputs to Sum Outputs
5260
520
ns
10
120
240
15
90
180
t PHL,
t PL H
Propagation Delay Time
(clock input to sum outputs)
5325
650
10
175
350
15
150
300
t THL,
t THL
Transition Time
5
100
200
ns
10
50
100
15
40
80
t hold
Data Input Hold Time
(clock edge to A, B, or reset
inputs)
5120
200
ns
10
50
80
15
40
60
f max
Maximum Clock Input Frequency
5
2.5
4.5
MHz
10
5
10
15
7.5
15
t r,tf*
Clock Input Rise or Fall Time
5
500
µs
10
500
15
500
* If more than one unit is cascaded tr should be made less than or equal to the sum of the transition time and the fixed propa-
gation delay of the output of the driving state for the estimated capacitive load.
Typical Output Low (sink) Current.
Minimum Output Low (sink) Current Charac-
teristics.
HCC/HCF4032B/4038B
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com