Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4032B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4032B
Description  TRIPLE SERIAL ADDERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4032B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4032B Datasheet HTML 1Page - STMicroelectronics HCC4032B Datasheet HTML 2Page - STMicroelectronics HCC4032B Datasheet HTML 3Page - STMicroelectronics HCC4032B Datasheet HTML 4Page - STMicroelectronics HCC4032B Datasheet HTML 5Page - STMicroelectronics HCC4032B Datasheet HTML 6Page - STMicroelectronics HCC4032B Datasheet HTML 7Page - STMicroelectronics HCC4032B Datasheet HTML 8Page - STMicroelectronics HCC4032B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC/HCF4032B
HCC/HCF4038B
June 1989
TRIPLE SERIAL ADDERS
.
INVERT INPUTS ON ALL ADDERS FOR SUM
COMPLEMENTING APPLICATIONS
.
FULLY STATIC OPERATION...DC TO 10MHz
(typ.) @ VDD = 10V
.
BUFFERED INPUTS AND OUTPUTS
.
SINGLE-PHASE CLOCKING
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATING
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC/4032B/4038B (extended temperature
range) and HCF4032B/4038B (intermediate tem-
perature range) are monolithic integrated circuits,
available in 16-lead dual in-line plastic or ceramic
package and plastic micro package.
The HCC/HCF4032B and HCC/HCF4038B types
consist of three serial adder circuits with common
CLOCK and CARRY-RESET inputs. Each adder
has two provisions for two serial DATA INPUT sig-
nals and an INVERT command signal. When the
command signal is a logical ”1”, the sum is com-
plemented. Data words enter the adder with the
least significant bit first ; the sign bit trails. The output
is the MOD 2 sum of the input bits plus the carry from
the previous bit position. The carry is only added at
the
positive-going
clock
transition
for
the
HCC/HCF4032B or at the negative-going clock for
the HCC/HCF4038B, thus, for spike-free operation
the input data transitions should occur as soon as
possible after the triggering edge. The CARRY is
reset to a logical ”0” at the end of each word by ap-
plying a logical ”1” signal to a CARRY-RESET input
one-bit-position before the application of the first bit
of the next word.
EY
(Plastic Package)
F
(Ceramic Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
PIN CONNECTIONS
1/11


Similar Part No. - HCC4032B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4030BD STMICROELECTRONICS-HCC4030BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4030BF STMICROELECTRONICS-HCC4030BF Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
HCC4030BK STMICROELECTRONICS-HCC4030BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4032B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14032B MOTOROLA-MC14032B Datasheet
249Kb / 7P
Triple Serial Adders
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
Serial triple gauge driver STGD
1998 Apr 03
logo
List of Unclassifed Man...
SN74LS183 ETC-SN74LS183 Datasheet
147Kb / 4P
DUAL CARRY SAVE FULL ADDERS
logo
Texas Instruments
SN7480 TI-SN7480 Datasheet
158Kb / 3P
GATED FULL ADDERS
SN54LS385 TI-SN54LS385 Datasheet
130Kb / 3P
QUADRUPLE SERIAL ADDERS/SUBTRACTORS
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
Texas Instruments
SN54LS183 TI1-SN54LS183 Datasheet
149Kb / 4P
DUAL CARRY SAVE FULL ADDERS
SN74LS183D TI1-SN74LS183D Datasheet
149Kb / 4P
DUAL CARRY-SAVE FULL ADDERS
logo
TRINAMIC Motion Control...
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
Serial Triple Incremental Encoder Interface
logo
Texas Instruments
SN54LS385_1998 TI1-SN54LS385_1998 Datasheet
143Kb / 4P
QUADRUPLE SERIAL ADDERS/SUBTRACTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com