Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4032B Datasheet (PDF) - STMicroelectronics

HCC4032B Datasheet PDF - STMicroelectronics
Part # HCC4032B
Download  HCC4032B Download
File Size   236.36 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE SERIAL ADDERS

HCC4032B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4032B Datasheet PDF - STMicroelectronics

Part # HCC4032B
Download  HCC4032B Click to download

File Size   236.36 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE SERIAL ADDERS

HCC4032B Datasheet (HTML) - STMicroelectronics


HCC4032B Product details

DESCRIPTION
The HCC/4032B/4038B (extended temperature range) and HCF4032B/4038B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package.
The HCC/HCF4032B and HCC/HCF4038B types consist of three serial adder circuits with common CLOCK and CARRY-RESET inputs. Each adder has two provisions for two serial DATA INPUT signals and an INVERT command signal. When the command signal is a logical ”1”, the sum is complemented. Data words enter the adder with the least significant bit first ; the sign bit trails. The output is the MOD 2 sum of the input bits plus the carry from the previous bit position. The carry is only added at the positive-going clock transition for the HCC/HCF4032B or at the negative-going clock for the HCC/HCF4038B, thus, for spike-free operation the input data transitions should occur as soon as possible after the triggering edge. The CARRY is reset to a logical ”0” at the end of each word by applying a logical ”1” signal to a CARRY-RESET input one-bit-position before the application of the first bit of the next word.

■ INVERT INPUTS ON ALL ADDERS FOR SUM COMPLEMENTING APPLICATIONS
■ FULLY STATIC OPERATION...DC TO 10MHz (typ.) @ VDD = 10V
■ BUFFERED INPUTS AND OUTPUTS
■ SINGLE-PHASE CLOCKING
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ 5V, 10V, AND 15V PARAMETRIC RATING
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARDN°13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B”
   SERIES CMOS DEVICES”




Similar Part No. - HCC4032B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4030BD STMICROELECTRONICS-HCC4030BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4030BF STMICROELECTRONICS-HCC4030BF Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
HCC4030BK STMICROELECTRONICS-HCC4030BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results


Similar Description - HCC4032B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14032B MOTOROLA-MC14032B Datasheet
249Kb / 7P
Triple Serial Adders
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
Serial triple gauge driver STGD
1998 Apr 03
logo
List of Unclassifed Man...
SN74LS183 ETC-SN74LS183 Datasheet
147Kb / 4P
DUAL CARRY SAVE FULL ADDERS
logo
Texas Instruments
SN7480 TI-SN7480 Datasheet
158Kb / 3P
GATED FULL ADDERS
SN54LS385 TI-SN54LS385 Datasheet
130Kb / 3P
QUADRUPLE SERIAL ADDERS/SUBTRACTORS
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
Texas Instruments
SN54LS183 TI1-SN54LS183 Datasheet
149Kb / 4P
DUAL CARRY SAVE FULL ADDERS
SN74LS183D TI1-SN74LS183D Datasheet
149Kb / 4P
DUAL CARRY-SAVE FULL ADDERS
logo
TRINAMIC Motion Control...
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
Serial Triple Incremental Encoder Interface
logo
Texas Instruments
SN54LS385_1998 TI1-SN54LS385_1998 Datasheet
143Kb / 4P
QUADRUPLE SERIAL ADDERS/SUBTRACTORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com