Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20003 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH20003
Description  300 V ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20003 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH20003 Datasheet HTML 1Page - STMicroelectronics STTH20003 Datasheet HTML 2Page - STMicroelectronics STTH20003 Datasheet HTML 3Page - STMicroelectronics STTH20003 Datasheet HTML 4Page - STMicroelectronics STTH20003 Datasheet HTML 5Page - STMicroelectronics STTH20003 Datasheet HTML 6Page - STMicroelectronics STTH20003 Datasheet HTML 7Page - STMicroelectronics STTH20003 Datasheet HTML 8Page - STMicroelectronics STTH20003 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values)
0
15
30
45
0
50
100
150
200
250
300
350
400
450
500
IRM(A)
R
V =200 V
j
T =125 °C
IF
F(AV)
= 2 x I
I
= I
F
I
F(AV)
/ 2
F(AV)
= I
F
dIF/dt(A/µs)
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
0
60
120
180
0
50
100
150
200
250
300
350
400
450
500
tRR(ns)
VR=200 V
Tj=125 °C
IF = 2 x IF(AV)
IF = IF(AV) / 2
IF = IF(AV)
dIF/dt(A/µs)
Figure 7. Reverse recovery softness factor versus dIF/dt
(typical values)
0.0
0.2
0.4
0.6
0.8
0
50
100
150
200
250
300
350
400
450
500
SFACTOR
VR=200 V
Tj=125 °C
dIF/dt(A/µs)
Figure 8. Relative variations of dynamic parameters
versus junction temperature
0.0
0.8
1.6
2.4
25
50
75
100
125
Tj(°C)
IF=IF(AV)
VR=200 V
Reference: Tj=125 °C
IRM
SFACTOR
Figure 9. Junction capacitance versus reverse voltage applied (typical values)
100
1000
10000
1
10
100
1000
C(pF)
R(V)
V
STTH20003
Characteristics (curves)
DS1796 - Rev 3
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com