Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH20003
Description  300 V ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20003 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH20003 Datasheet HTML 1Page - STMicroelectronics STTH20003 Datasheet HTML 2Page - STMicroelectronics STTH20003 Datasheet HTML 3Page - STMicroelectronics STTH20003 Datasheet HTML 4Page - STMicroelectronics STTH20003 Datasheet HTML 5Page - STMicroelectronics STTH20003 Datasheet HTML 6Page - STMicroelectronics STTH20003 Datasheet HTML 7Page - STMicroelectronics STTH20003 Datasheet HTML 8Page - STMicroelectronics STTH20003 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A1
K1
A2
K2
ISOTOP
A1
K1
A2
K2
Features
•
Combines recovery and reverse voltage performance
•
Ultrafast, soft and noise-free recovery
•
Low inductance and low capacitance allow simpler layout
•
Insulated package ISOTOP:
–
Insulated voltage: 2500 VRMS sine
•
ECOPACK®2 compliant
Applications
•
Switching diode
•
Welding equipments
•
Telecom power
Description
Dual rectifiers suited for Switch Mode Power Supply and high frequency DC to DC
converters.
Packaged in ISOTOP, the STTH20003 is intended for use in low voltage, high
frequency inverters, free wheeling operation, welding equipment and Telecom power
supplies.
Product status link
STTH20003
Product summary
Symbol
Value
IF(AV)
2 x 100 A
VRRM
300 V
Tj (max.)
150 °C
VF (typ.)
0.80 V
trr (max.)
90 ns
300 V ultrafast high voltage rectifier
STTH20003
Datasheet
DS1796 - Rev 3 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH20003

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH20003 ISC-STTH20003 Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
logo
Inchange Semiconductor ...
STTH20003TV ISC-STTH20003TV Datasheet
553Kb / 3P
Ultrafast Recovery Diode
More results

Similar Description - STTH20003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com