Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20003 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH20003
Description  300 V ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20003 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH20003 Datasheet HTML 1Page - STMicroelectronics STTH20003 Datasheet HTML 2Page - STMicroelectronics STTH20003 Datasheet HTML 3Page - STMicroelectronics STTH20003 Datasheet HTML 4Page - STMicroelectronics STTH20003 Datasheet HTML 5Page - STMicroelectronics STTH20003 Datasheet HTML 6Page - STMicroelectronics STTH20003 Datasheet HTML 7Page - STMicroelectronics STTH20003 Datasheet HTML 8Page - STMicroelectronics STTH20003 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 4. Dynamic characteristics (per diode)
Symbol
Parameters
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, Irr = 0.25 A, IR = 1 A
-
50
ns
IF = 1 A, dIF/dt = -50 A/μs, VR = 30 V
-
90
IRM
Reverse recovery current
Tj = 125 °C IF = 100 A, dIF/dt = -200 A/μs, VR = 200 V
-
18
A
Sfactor
Softness factor
-
0.3
tfr
Forward recovery time
Tj = 25 °C
IF = 100 A, dIF/dt = 200 A/μs, VFR = 1.1 x VF(max)
-
1400
ns
VFP
Forward recovery voltage
-
5
V
STTH20003
Characteristics
DS1796 - Rev 3
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com