Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTH2003
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTH2003 Datasheet HTML 7Page - STMicroelectronics STTH2003 Datasheet HTML 8Page - STMicroelectronics STTH2003 Datasheet HTML 9Page - STMicroelectronics STTH2003 Datasheet HTML 10Page - STMicroelectronics STTH2003 Datasheet HTML 11Page - STMicroelectronics STTH2003 Datasheet HTML 12Page - STMicroelectronics STTH2003 Datasheet HTML 13Page - STMicroelectronics STTH2003 Datasheet HTML 14Page - STMicroelectronics STTH2003 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
c
0.48
0.70
0.019
0.028
D
15.25
15.75
0.600
0.620
D1
1.27 typ.
0.050 typ.
E
10.00
10.40
0.394
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.260
J1
2.40
2.72
0.094
0.107
L
13.00
14.00
0.512
0.551
L1
3.50
3.93
0.138
0.155
L20
16.40 typ.
0.646 typ.
L30
28.90 typ.
1.138 typ.
θP
3.75
3.85
0.148
0.152
Q
2.65
2.95
0.104
0.116
STTH2003
TO-220AB package information
DS1213 - Rev 12
page 11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com