Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STTH2003
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STTH2003 Datasheet HTML 8Page - STMicroelectronics STTH2003 Datasheet HTML 9Page - STMicroelectronics STTH2003 Datasheet HTML 10Page - STMicroelectronics STTH2003 Datasheet HTML 11Page - STMicroelectronics STTH2003 Datasheet HTML 12Page - STMicroelectronics STTH2003 Datasheet HTML 13Page - STMicroelectronics STTH2003 Datasheet HTML 14Page - STMicroelectronics STTH2003 Datasheet HTML 15Page - STMicroelectronics STTH2003 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
3
Ordering information
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH2003CT
STTH2003CT
TO-220AB
1.95 g
50
Tube
STTH2003CG
STTH2003CG
D2PAK
1.38 g
50
Tube
STTH2003CG-TR
STTH2003CG
D2PAK
1.38 g
1000
Tape and reel
STTH2003CFP
STTH2003CFP
TO-220FPAB
1.90 g
50
Tube
STTH2003CR
STTH2003CR
I2PAK
1.50 g
50
Tube
STTH2003
Ordering information
DS1213 - Rev 12
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com