Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2003
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2003 Datasheet HTML 1Page - STMicroelectronics STTH2003 Datasheet HTML 2Page - STMicroelectronics STTH2003 Datasheet HTML 3Page - STMicroelectronics STTH2003 Datasheet HTML 4Page - STMicroelectronics STTH2003 Datasheet HTML 5Page - STMicroelectronics STTH2003 Datasheet HTML 6Page - STMicroelectronics STTH2003 Datasheet HTML 7Page - STMicroelectronics STTH2003 Datasheet HTML 8Page - STMicroelectronics STTH2003 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values, per diode)
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
16
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I =I
F
F(AV)
I =0.5 x I
F
F(AV)
V =200V
T =125°C
R
j
Figure 6. Reverse recovery time versus dIF/dt (typical
values, per diode)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I =I
F
F(AV)
I =0.5 x I
F
F(AV)
V =200V
T =125°C
R
j
Figure 7. Softness factor versus dIF/dt (typical values, per
diode)
0
50
100
150
200
250
300
350
400
450
500
0.00
0.10
0.20
0.30
0.40
0.50
0.60
S factor
dI /dt(A/µs)
F
V =200V
T =125°C
R
j
Figure 8. Relative variation of dynamic parameters versus
junction temperature (reference: Tj = 125 °C)
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
T (°C)
j
S factor
IRM
Figure 9. Transient peak forward voltage versus dIF/dt
(typical values, per diode) (TO-220AB)
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
V (V)
FP
dI /dt(A/µs)
F
I =I
T =125°C
F
F(AV)
j
Figure 10. Forward recovery time versus dIF/dt (typical
values, per diode)
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I =I
T =125°C
F
F(AV)
j
V =1.1 x V max.
FR
F
STTH2003
Characteristics (curves)
DS1213 - Rev 12
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com