Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20L03C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH20L03C
Description  High frequency secondary rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20L03C Datasheet(HTML) 5 Page - STMicroelectronics

  STTH20L03C Datasheet HTML 1Page - STMicroelectronics STTH20L03C Datasheet HTML 2Page - STMicroelectronics STTH20L03C Datasheet HTML 3Page - STMicroelectronics STTH20L03C Datasheet HTML 4Page - STMicroelectronics STTH20L03C Datasheet HTML 5Page - STMicroelectronics STTH20L03C Datasheet HTML 6Page - STMicroelectronics STTH20L03C Datasheet HTML 7Page - STMicroelectronics STTH20L03C Datasheet HTML 8Page - STMicroelectronics STTH20L03C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STTH20L03C
Characteristics
DocID023115 Rev 2
5/13
Figure 7: Reverse recovery softness factor versus
dlF/dt (typical values, per diode)
Figure 8: Relative variation of dynamic parameters
versus junction temperature
Figure 9: Transient peak forward voltage versus
dlF/dt (typical values, per diode)
Figure 10: Forward recovery time versus dlF/dt
(typical values, per diode)
Figure 11: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 12: Thermal resistance, junction to ambient,
versus copper surface under tab
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5 0
100
150
200
250
300
350
400
450
500
Sfactor
I
F=IF(AV)
V
R=200 V
T
j=125 °C
dIF/dt(A/µs)
0
20
40
60
80
100
120
140
160
180
0
5 0
100
150
200
250
300
350
400
450
500
I
F=IF(AV)
V
FR=1.05 V
T
j=125 °C
dIF/dt(A/µs)
t
(ns)
fr
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
D²PAK
Epoxy printed board FR4, eCU= 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com