Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20L03C Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTH20L03C
Description  High frequency secondary rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20L03C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTH20L03C Datasheet HTML 5Page - STMicroelectronics STTH20L03C Datasheet HTML 6Page - STMicroelectronics STTH20L03C Datasheet HTML 7Page - STMicroelectronics STTH20L03C Datasheet HTML 8Page - STMicroelectronics STTH20L03C Datasheet HTML 9Page - STMicroelectronics STTH20L03C Datasheet HTML 10Page - STMicroelectronics STTH20L03C Datasheet HTML 11Page - STMicroelectronics STTH20L03C Datasheet HTML 12Page - STMicroelectronics STTH20L03C Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
STTH20L03C
12/13
DocID023115 Rev 2
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH20L03CT
STTH20L03CT
TO-220AB
1.9 g
50
Tube
STTH20L03CG-TR
STTH20L03CG
D2PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
22-Jun-2012
1
Initial release.
07-Oct-2016
2
Updated cover page and Table 8: "Ordering information".
Updated Section 2.1: "D²PAK package information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com