Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20L03C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH20L03C
Description  High frequency secondary rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20L03C Datasheet(HTML) 4 Page - STMicroelectronics

  STTH20L03C Datasheet HTML 1Page - STMicroelectronics STTH20L03C Datasheet HTML 2Page - STMicroelectronics STTH20L03C Datasheet HTML 3Page - STMicroelectronics STTH20L03C Datasheet HTML 4Page - STMicroelectronics STTH20L03C Datasheet HTML 5Page - STMicroelectronics STTH20L03C Datasheet HTML 6Page - STMicroelectronics STTH20L03C Datasheet HTML 7Page - STMicroelectronics STTH20L03C Datasheet HTML 8Page - STMicroelectronics STTH20L03C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STTH20L03C
4/13
DocID023115 Rev 2
1.1
Characteristics (curves)
Figure 1: Conduction losses versus average
forward current (per diode)
Figure 2: Forward voltage drop versus forward
current (per diode)
Figure 3: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 4: Peak reverse recovery current versus
dlF/dt (typical values, per diode)
Figure 5: Reverse recovery time versus dlF/dt
(typical values, per diode)
Figure 6: Reverse recovery charges versus dlF/dt
(typical values, per diode)
0
2
4
6
8
10
12
14
PF(AV)(W)
0
2
4
6
8
10
12
14
16
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1.0
IF(AV)(A)
T
δ= tp/T
tp
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
500
Qrr (nC)
I
F=IF(AV)
V
R=200 V
T
j=125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com