Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332002 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB332002
Description  4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332002 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB332002 Datasheet HTML 1Page - Diodes Incorporated PI6CB332002 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The PI6CB332204/2202/2002’s low-additive phase jitter
enhances system timing margins in PCIe 6.0 high-speed
connectivity applications.
The PI6CB332204/2202/2002 are
PCIe 6.0 clock mux-buffers with
2:4/2:2/1:2 input/outputs and a
selectable on-chip termination of 85
 or
100
 output impedance.
The series has very low 3fs to 5fs
typical additive phase jitter and supports
flexible start-up power sequencing, loss-
of-input signal detection, power-down
tolerant input pins, and automatic output
clock parking upon loss of the input
signal.
Their individual channel OE input
provides flexible power management.
Output clock frequencies up to 400MHz
are supported.
The PI6CB332204/2202/2002 are
available in various small-footprint 4mm
x 4mm or 3mm x 3mm QFN packages.
4- and 2-Output Clock Mux-Buffers with Low Jitter
Enhance Performance in PCIe® 6.0 Systems
PI6CB33220x
PI6CB332002
▪ Low 3fs-5fs Additive Phase Jitter
Minimizes phase noise for increased system timing margins
▪ Individual OE Pin for Each Output
Allows dynamic routing and enhances power saving
▪ Flexible Start-Up Power Sequencing
Simplifies system design and ensures well-defined system
behavior under various power sequencing scenarios
▪ Available in 2:4/2:2/1:2–Input/Output Variants
Supports various system clock tree design requirements
▪ On-Chip Termination Saves Up to 80 External Resistors
Reduces bill-of-materials (BOM) cost, saves board space,
and simplifies PCB layout
Applications
▪ Servers
▪ Surveillance systems
▪ Data centers
October 2025
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
other owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - PI6CB332002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332000 DIODES-PI6CB332000 Datasheet
1Mb / 21P
20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
Rev 7-2 June 2024
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CB332001AZXBIEX DIODES-PI6CB332001AZXBIEX Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CB332004A DIODES-PI6CB332004A Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
PI6CB332004AFLBEX-13R DIODES-PI6CB332004AFLBEX-13R Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
More results

Similar Description - PI6CB332002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Silicon Laboratories
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Integrated Device Techn...
9DML04 IDT-9DML04 Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Diodes Incorporated
PI6C49S1504T DIODES-PI6C49S1504T Datasheet
529Kb / 2P
High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com