Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet (PDF) - Diodes Incorporated

PI6CB332000 Datasheet PDF - Diodes Incorporated
Part # PI6CB332000
Download  PI6CB332000 Download
File Size   1231.05 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination

PI6CB332000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CB332000 Datasheet PDF - Diodes Incorporated

Part # PI6CB332000
Download  PI6CB332000 Click to download

File Size   1231.05 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination

PI6CB332000 Datasheet (HTML) - Diodes Incorporated


PI6CB332000 Product details

Description
The DIODES PI6CB332000 is an 20-output very low-power PCIe
clock buffer. It is capable of distributing the reference clocks for
UPI, SAS, SATA, and other applications as well. It takes an reference
input to fanout 20 100MHz low-power differential HCSL outputs
with on-chip terminations. The on-chip termination can save 80
external resistors and make layout easier. 8 OE pins combined
with SMBus register pins for controlling each output provides
easier power management.
It uses Diodes' proprietary design to achieve very-low jitter that
meets PCIe Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6 requirement.

Features
y Supports Intel's DB2000Q Pinout
y 3.3V Supply Voltage
y HCSL Input: 100MHz (Typical), Up to 200MHz
y 20 Differential Low-Power HCSL Outputs with On-Chip
Termination
y Strapping Pins or SMBus for Configuration
y Very-Low Jitter Outputs
à Differential Additive Phase Jitter: DB2000Q <30fs RMS
à Differential Additive Phase Jitter: PCIe Gen 4 <30fs RMS
à Differential Additive Phase Jitter: PCIe Gen 5 <20fs RMS
à Differential Additive Phase Jitter: PCIe Gen 6 <16fs RMS
à PCIe® Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6 Compliant
y Differential Output-to-Output Skew <50ps
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green):
à 72-lead 10mm × 10mm TQFN




Similar Part No. - PI6CB332000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CB332001AZXBIEX DIODES-PI6CB332001AZXBIEX Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CB332002 DIODES-PI6CB332002 Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332002ZNAEX DIODES-PI6CB332002ZNAEX Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332004A DIODES-PI6CB332004A Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
More results


Similar Description - PI6CB332000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CBF18501 DIODES-PI6CBF18501 Datasheet
1Mb / 17P
Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
October 2020
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CG33802C DIODES-PI6CG33802C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
January 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com