Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 4Page - Diodes Incorporated PI6CB332000 Datasheet HTML 5Page - Diodes Incorporated PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated PI6CB332000 Datasheet HTML 10Page - Diodes Incorporated PI6CB332000 Datasheet HTML 11Page - Diodes Incorporated PI6CB332000 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
8
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Temperature = TA. Supply voltages per normal operation conditions. See test circuits for the load conditions.
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
Single-ended inputs except trilevel
pins
2
—
VDD
+0.3
V
VIL
Input Low Voltage
Single-ended inputs except trilevel
pins
-0.3
—
0.8
V
VIH
Input High Voltage
Single-ended trilevel inputs
2.4
—
VDD
+0.3
V
VIM
Input Mid Voltage
Single-ended trilevel inputs
1.2
0.5VDD
1.8
V
VIL
Input Low Voltage
Single-ended trilevel inputs
-0.3
—
0.9
V
IIH
Input High Current
Single-ended inputs, VIN = VDD
—
5
mA
IIL
Input Low Current
Single-ended inputs, VIN = 0V
-5
—
—
µA
IIH
Input High Current
Single-ended inputs with pull-up
resistor, VIN = VDD
—
—
5
mA
IIL
Input Low Current
Single-ended inputs with pull-up
resistor, VIN = 0V
-50
—
—
µA
CIN
Input Capacitance
—
1.5
—
5
pF
tRF
Rise/Fall Time of Input
—
—
—
5
ns
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
ISMBSINK
SMBus Sink Current
SMBus, at VOLSMB
4
—
—
mA
VOLSMB
SMBus Output Low Voltage
SMBus, at ISMBSINK
—
—
0.4
V
fMAXSMB
SMBus Operating Frequency
Maximum frequency
—
—
400
kHz
tRMSB
SMBus Rise Time
(Max VIL - 0.15) to (Min VIH +
0.15)
—
—
1000
ns
tFMSB
SMBus Fall Time
(Min VIH + 0.15) to (Max VIL -
0.15)
—
—
300
ns
LVCMOS DC Electrical Characteristics
Temperature = TA. Supply voltages per normal operation conditions. See test circuits for the load conditions.
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
tOELAT
Output Enable Latency
Q start after OE# assertion
Q stop after OE# deassertion
1
6
10
clocks
tPDLAT
PD# Deassertion
Differential outputs enable after
PD# deassertion
—
200
300
µs
LVCMOS AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com