Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI6CB332000 Datasheet HTML 1Page - Diodes Incorporated PI6CB332000 Datasheet HTML 2Page - Diodes Incorporated PI6CB332000 Datasheet HTML 3Page - Diodes Incorporated PI6CB332000 Datasheet HTML 4Page - Diodes Incorporated PI6CB332000 Datasheet HTML 5Page - Diodes Incorporated PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
4
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Pin Number Pin Name
Type
Description
48
OE9#
Input
CMOS
Active Low Input for Enabling Q9 Pair.
1 = disable outputs, 0 = enable outputs
49
Q10+
Output
HCSL
Differential True Clock Output
50
Q10-
Output
HCSL
Differential Complementary Clock Output
51
OE10#
Input
CMOS
Active Low Input for Enabling Q10 Pair.
1 = disable outputs, 0 = enable outputs
52
Q11+
Output
HCSL
Differential True Clock Output
53
Q11-
Output
HCSL
Differential Complementary Clock Output
54
OE11#
Input
CMOS
Active Low Input for Enabling Q11 Pair.
1 = disable outputs, 0 = enable outputs
55
Q12+
Output
HCSL
Differential True Clock Output
56
Q12-
Output
HCSL
Differential Complementary Clock Output
57
OE12#
Input
CMOS
Active Low Input for Enabling Q12 Pair.
1 = disable outputs, 0 = enable outputs
58
VDD
Power
—
Power Supply, Nominal 3.3V
59
Q13+
Output
HCSL
Differential True Clock Output
60
Q13-
Output
HCSL
Differential Complementary Clock Output
61
Q14+
Output
HCSL
Differential True Clock Output
62
Q14-
Output
HCSL
Differential Complementary Clock Output
63
GND
Power
—
Ground
64
Q15+
Output
HCSL
Differential True Clock Output
65
Q15-
Output
HCSL
Differential Complementary Clock Output
66
Q16+
Output
HCSL
Differential True Clock Output
67
Q16-
Output
HCSL
Differential Complementary Clock Output
68
VDD
Power
—
Power Supply, Nominal 3.3V
69
Q17+
Output
HCSL
Differential True Clock Output
70
Q17-
Output
HCSL
Differential Complementary Clock Output
71
Q18+
Output
HCSL
Differential True Clock Output
72
Q18-
Output
HCSL
Differential Complementary Clock Output
—
EPAD
Power
—
Connect to Ground
Note:
1. This pin can be left as NC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com