Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated PI6CB332000 Datasheet HTML 10Page - Diodes Incorporated PI6CB332000 Datasheet HTML 11Page - Diodes Incorporated PI6CB332000 Datasheet HTML 12Page - Diodes Incorporated PI6CB332000 Datasheet HTML 13Page - Diodes Incorporated PI6CB332000 Datasheet HTML 14Page - Diodes Incorporated PI6CB332000 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
11
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Symbol
Parameters
Condition
Min. Typ. Max.
Spec
Limit
Units
tjPHASE
Additive Integrated Phase
Jitter (RMS)(1,2,7,8)
PCIe Gen 1(6)
—
0
0.03
86
ps
(pkpk)
PCIe Gen 2 Low Band, 10kHz < f
< 1.5MHz (PLL BW 5-16MHz or
8-5MHz, CDR = 10MHz)
—
0
0.03
3
ps
PCIe Gen 2 High Band, 1.5MHz
< f < Nyquist (50MHz); (PLL BW
5-16MHz or 8-5MHz, CDR =
10MHz)
—
0
0.03
3.1
ps
PCIe Gen 3 (PLL BW 2-4MHz or
2-5MHz, CDR = 10MHz)
—
0
0.03
1
ps
PCIe Gen 4 (PLL BW 2-4MHz or
2-5MHz, CDR = 10MHz)
—
0
0.03
0.5
ps
PCIe Gen 5 (PLL BW of 500K to
1.8MHz, CDR = 20MHz) (9)
—
0.015
0.03
0.15
ps
PCIe Gen 6 (PLL BW 500K to
1MHz, CDR = 10MHz)
—
0.008
0.016
0.1
ps
100MHz (12kHz to 20MHz),
input jitter ~156fs
—
87
120
NA(10)
fs
156.25MHz (12kHz to 20MHz),
input jitter ~110fs
—
47
100
NA(10)
fs
100MHz, apply DB2000Q filter,
see figure 5
—
—
25
80
fs
Note:
1. Guaranteed by design and characterization—not 100% tested in production.
2. Measured from differential waveform.
3. Slew rate is measured through the Vswing voltage range centered around differential 0V within ±150mV window.
4. Slew rate matching is measured through ±75mV window centered around differential zero.
5. See http://www.pcisig.com for complete specifications.
6. Sample size of at least 100k cycles. This can be extrapolated to 108ps pk-pk @ 1M cycles for a BER of 10-12.
7. Applies to all differential outputs.
8. For additive jitter RMS value is calculated by the following equation = SQRT [(total jitter)*2 - (input jitter)*2].
9. PCIe Gen 5 v0.9 specification
10. Not available.
PCIe Common Clock (CC) Architecture Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com