Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 5Page - Diodes Incorporated PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated PI6CB332000 Datasheet HTML 10Page - Diodes Incorporated PI6CB332000 Datasheet HTML 11Page - Diodes Incorporated PI6CB332000 Datasheet HTML 12Page - Diodes Incorporated PI6CB332000 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
9
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
HCSL Input Characteristics(1)
Temperature = TA. Supply voltages per normal operation conditions. See test circuits for the load conditions.
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
fIN
Input Frequency
—
1
100
200
MHz
VIHDIF
Differential Input High Voltage(3) IN+, IN-, single-ended measure-
ment
330
—
1150
mV
VILDIF
Differential Input Low Voltage(3)
IN+, IN-, single-ended measure-
ment
-300
0
300
mV
VSWING
Differential Input Swing Voltage
Peak-to-peak value (VIHDIF -
VILDIF)
200
—
—
mV
VCOM
Common Mode Voltage
—
0
—
900
mV
tRF
Differential Input Slew Rate(2)
—
0.7
—
—
V/ns
IIN
Differential Input Leakage Cur-
rent
VIN = VDD, VIN = GND
-5
—
5
µA
tDC
Differential Input Duty Cycle
Measured differentially
45
—
55
%
tjc-c
Differential Input Cycle-to-Cycle
Jitter
Measured differentially
—
—
125
ps
Note:
1. Guaranteed by design and characterization—not 100% tested in production.
2. Slew rate measured through ±75mV window centered around differential zero.
3. The device can be driven by a single-ended clock by driving the true clock and biasing the complement clock input to the Vbias, where Vbias is (VIH-VIL)/2.
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
VOH
Output Voltage High(1)
—
225
—
270
mV
VOL
Output Voltage Low(1)
10
0
150
mV
VOMAX
Output Voltage Maximum (Over-
shoot)(1)
—
—
—
VOH +
75mV
mV
VOMIN
Output Voltage Minimum (Un-
dershoot)(1)
VOL +
75mV
—
—
mV
Vcross abso-
lute
Absolute Crossing Point Volt-
age(1,2)
—
130
—
200
mV
Vcross rela-
tive
Relative Crossing Point Volt-
age(1,2)
—
—
—
35
mV
DC Distor-
tion
Duty Cycle Distortion(3,4)
—
-1
—
1
%
Note:
1. At default SMBUS amplitude settings.
2. Guaranteed by design and characterization—not 100% tested in production.
3. Measured from differential waveform.
4. Duty cycle distortion is the difference in duty cycle between the out and input clock when the device is operated in the PLL bypass mode.
HCSL Output DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com