Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 12Page - Diodes Incorporated PI6CB332000 Datasheet HTML 13Page - Diodes Incorporated PI6CB332000 Datasheet HTML 14Page - Diodes Incorporated PI6CB332000 Datasheet HTML 15Page - Diodes Incorporated PI6CB332000 Datasheet HTML 16Page - Diodes Incorporated PI6CB332000 Datasheet HTML 17Page - Diodes Incorporated PI6CB332000 Datasheet HTML 18Page - Diodes Incorporated PI6CB332000 Datasheet HTML 19Page - Diodes Incorporated PI6CB332000 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
16
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Byte 3: OE# Pin Realtime Readback Control Register
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7
OE12#
Realtime Readback of OE12#
R
Realtime
OE12# = Low OE12# = High
6
OE11#
Realtime Readback of OE11#
R
Realtime
OE11# = Low OE11# = High
5
OE10#
Realtime Readback of OE10#
R
Realtime
OE10# = Low OE10# = High
4
OE9#
Realtime Readback of OE9#
R
Realtime
OE9# = Low
OE9# = High
3
OE8#
Realtime Readback of OE8#
R
Realtime
OE8# = Low
OE8# = High
2
OE7#
Realtime Readback of OE7#
R
Realtime
OE7# = Low
OE7# = High
1
OE6#
Realtime Readback of OE6#
R
Realtime
OE6# = Low
OE6# = High
0
OE5#
Realtime Readback of OE5#
R
Realtime
OE5# = Low
OE5# = High
Note:
1. B1[5] must be set to 1 for these bits to have any effect on the part.
Byte 4: Reserved
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7:0
Reserved
—
—
0
—
—
Byte 5: Revision and Vendor ID Register
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7
RID3
Revision ID
R
0
Rev = 0000
6
RID2
R
0
5
RID1
R
0
4
RID0
R
0
3
PVID3
Vendor ID
R
0
Diodes = 0011
2
PVID2
R
0
1
PVID1
R
1
0
PVID0
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com