Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB332000 Datasheet HTML 1Page - Diodes Incorporated PI6CB332000 Datasheet HTML 2Page - Diodes Incorporated PI6CB332000 Datasheet HTML 3Page - Diodes Incorporated PI6CB332000 Datasheet HTML 4Page - Diodes Incorporated PI6CB332000 Datasheet HTML 5Page - Diodes Incorporated PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
A Product Line of
Diodes Incorporated
PI6CB332000
20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
IN+
IN-
SCLK
SDATA
OE#[12:5]
CTRL
LOGIC
Q[19:0]
PWRGD/PWRDN#
SA_0
SA_1
R_COMP
GND
GND_A
VDD
VDD_A
b
P
Lead-free Green
Features
y
Supports Intel's DB2000Q Pinout
y
3.3V Supply Voltage
y
HCSL Input: 100MHz (Typical), Up to 200MHz
y
20 Differential Low-Power HCSL Outputs with On-Chip
Termination
y
Strapping Pins or SMBus for Configuration
y
Very-Low Jitter Outputs
à
Differential Additive Phase Jitter: DB2000Q <30fs RMS
à
Differential Additive Phase Jitter: PCIe Gen 4 <30fs RMS
à
Differential Additive Phase Jitter: PCIe Gen 5 <20fs RMS
à
Differential Additive Phase Jitter: PCIe Gen 6 <16fs RMS
à
PCIe® Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6 Compliant
y
Differential Output-to-Output Skew <50ps
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
72-lead 10mm × 10mm TQFN
Block Diagram
Description
The DIODES PI6CB332000 is an 20-output very low-power PCIe
clock buffer. It is capable of distributing the reference clocks for
UPI,SAS,SATA,andotherapplicationsaswell.Ittakesanreference
input to fanout 20 100MHz low-power differential HCSL outputs
with on-chip terminations. The on-chip termination can save 80
external resistors and make layout easier. 8 OE pins combined
with SMBus register pins for controlling each output provides
easier power management.
It uses Diodes' proprietary design to achieve very-low jitter that
meets PCIe Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6 requirement.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI6CB332000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CB332001AZXBIEX DIODES-PI6CB332001AZXBIEX Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CB332002 DIODES-PI6CB332002 Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332002ZNAEX DIODES-PI6CB332002ZNAEX Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332004A DIODES-PI6CB332004A Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
More results

Similar Description - PI6CB332000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CBF18501 DIODES-PI6CBF18501 Datasheet
1Mb / 17P
Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
October 2020
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CG33802C DIODES-PI6CG33802C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com