Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 13Page - Diodes Incorporated PI6CB332000 Datasheet HTML 14Page - Diodes Incorporated PI6CB332000 Datasheet HTML 15Page - Diodes Incorporated PI6CB332000 Datasheet HTML 16Page - Diodes Incorporated PI6CB332000 Datasheet HTML 17Page - Diodes Incorporated PI6CB332000 Datasheet HTML 18Page - Diodes Incorporated PI6CB332000 Datasheet HTML 19Page - Diodes Incorporated PI6CB332000 Datasheet HTML 20Page - Diodes Incorporated PI6CB332000 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
17
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Byte 6: Device Type/Device ID Register
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7
DID7
Device ID
R
0
6
DID6
R
1
5
DID5
R
0
4
DID4
R
0
3
DID3
R
1
2
DID2
R
0
1
DID1
R
0
0
DID0
R
0
Byte 7: Byte Count Register
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7
Reserved
—
—
0
—
—
6
Reserved
—
—
0
—
—
5
Reserved
—
—
0
—
—
4
BC4
Byte Count Programming
RW
0
Writing to this register
configures how many bytes
are read back; default is 8
bytes
3
BC3
RW
1
2
BC2
RW
0
1
BC1
RW
0
0
BC0
RW
0
Byte 8: Vendor Specific
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7:0
Reserved
—
—
0
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com