Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated PI6CB332000 Datasheet HTML 10Page - Diodes Incorporated PI6CB332000 Datasheet HTML 11Page - Diodes Incorporated PI6CB332000 Datasheet HTML 12Page - Diodes Incorporated PI6CB332000 Datasheet HTML 13Page - Diodes Incorporated PI6CB332000 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
10
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Figure 3. HCSL Output DC Test Load
PI6CB332000
CK+
CK-
85Ω
42.5Ω
85Ω
85Ω
50Ω
0.75V
R2
R1
R1
R2
SMA
SMA
0.75V
Eq1. R1 + (R2 | | 50Ω) = 85Ω
Eq2. ((42.5Ω | | 85Ω) + R1) | | R2 = 50Ω
R1 = 47.8Ω, standard 1% value R1 = 47Ω
R2 = 145.8Ω, standard 1% value R2 = 147Ω
HCSL Output AC Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
fOUT
Output Frequency
—
—
100
200
MHz
tRF
Slew Rate(1,2,3)
Scope averaging on, 10in trace
1.5
3.0
4
V/ns
DtRF
Slew Rate Matching(1,2,4)
Scope averaging on, 10in trace
—
—
20
%
tSKEW
Output Skew(1,2)
Averaging on, VT = 50%
—
—
50
ps
VMAX
Maximum Output Voltage
Measurement on single ended
signal using absolute value
660
780
850
mV
VMIN
Minimum Output Voltage
-150
20
150
mV
tjc-c
Additive Cycle-to-Cycle Jitter(1,2)
—
—
0
0.05
ps
Tpd
Propagation Delay
—
—
1.5
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com