Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332000 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated PI6CB332000 Datasheet HTML 10Page - Diodes Incorporated PI6CB332000 Datasheet HTML 11Page - Diodes Incorporated PI6CB332000 Datasheet HTML 12Page - Diodes Incorporated PI6CB332000 Datasheet HTML 13Page - Diodes Incorporated PI6CB332000 Datasheet HTML 14Page - Diodes Incorporated PI6CB332000 Datasheet HTML 15Page - Diodes Incorporated PI6CB332000 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
12
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Symbol
Parameters
Condition
Min. Typ. Max.
Spec
Limit
Units
tjPHASE
Additive Integrated Phase
Jitter (RMS)
PCIe Gen 3 SRIS (PLL BW
2-4MHz or 2-5MHz, CDR =
10MHz)
—
0
0.03
0.7
ps
PCIe Gen 4 SRIS (PLL BW
2-4MHz or 2-5MHz, CDR =
10MHz)
—
0
0.03
0.7
ps
PCIe Gen 4 SRNS (PLL BW
2-4MHz or 2-5MHz, CDR =
10MHz)
—
0
0.03
0.7
ps
PCIe 5.0 SRIS (PLL BW 500K-
1.8MHz, CDR = 20MHz)
—
0.01
0.02
0.177
ps
PCIe 6.0 SRIS(PLL BW 500K-
1MHz, CDR = 10MHz)
—
0.008
0.016
0.106
ps
PCIe Independent Reference Clock Architecture Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com