Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20G12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20G12
Description  1200 V, 20 A power Schottky high surge silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20G12 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20G12 Datasheet HTML 1Page - STMicroelectronics STPSC20G12 Datasheet HTML 2Page - STMicroelectronics STPSC20G12 Datasheet HTML 3Page - STMicroelectronics STPSC20G12 Datasheet HTML 4Page - STMicroelectronics STPSC20G12 Datasheet HTML 5Page - STMicroelectronics STPSC20G12 Datasheet HTML 6Page - STMicroelectronics STPSC20G12 Datasheet HTML 7Page - STMicroelectronics STPSC20G12 Datasheet HTML 8Page - STMicroelectronics STPSC20G12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
None or negligible reverse recovery
•
Switching behavior independent of temperature
•
Robust high voltage periphery
•
Operating Tj from -55 °C to 175 °C
•
Avalanche energy rated
•
ECOPACK2 compliant component
Applications
•
Solar inverter
•
Boost PFC
•
Air conditioning equipment
•
UPS power supply
•
Telecom / Server power equipment
•
HEV/EV OBC (On board battery chargers)
•
EV Charging station
Description
The SiC diode, available in DO-247 with long leads, is an ultrahigh performance
power Schottky rectifier. It is manufactured using a silicon carbide substrate. The
wide band-gap material allows the design of a low VF Schottky diode structure with
a 1200 V rating. Thanks to the Schottky construction, no recovery is shown during
turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is
independent of temperature.
Based on latest technology optimization, this diode has an improved forward
surge current capability, making it ideal for use in PFC, where this ST SiC diode
boosts the performance in hard switching conditions while bringing robustness to the
design. Its high forward surge capability ensures a good robustness during transient
phases.
A
K
DO-247 LL
A
K
K
Product label
Product status link
STPSC20G12
Product summary
IF(AV)
20 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
1200 V, 20 A power Schottky high surge silicon carbide diode
STPSC20G12
Datasheet
DS14114 - Rev 1 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC20G12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20G12-Y STMICROELECTRONICS-STPSC20G12-Y Datasheet
492Kb / 10P
Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
09-Nov-2022
STPSC20G12L2Y STMICROELECTRONICS-STPSC20G12L2Y Datasheet
535Kb / 11P
Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
16-Oct-2024
STPSC20G12WLY STMICROELECTRONICS-STPSC20G12WLY Datasheet
492Kb / 10P
Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
09-Nov-2022
More results

Similar Description - STPSC20G12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
logo
ON Semiconductor
FFSH20120A-F155 ONSEMI-FFSH20120A-F155 Datasheet
282Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
August, 2020 - Rev. 0
FFSB20120A-F085 ONSEMI-FFSB20120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
March, 2022 - Rev. 2
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D20120A WOLFSPEED-C4D20120A Datasheet
1Mb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D20120H WOLFSPEED-C4D20120H Datasheet
485Kb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com