Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8H065DI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC8H065DI
Description  650 V, 8 A high surge silicon carbide power Schottky diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8H065DI Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC8H065DI Datasheet HTML 1Page - STMicroelectronics STPSC8H065DI Datasheet HTML 2Page - STMicroelectronics STPSC8H065DI Datasheet HTML 3Page - STMicroelectronics STPSC8H065DI Datasheet HTML 4Page - STMicroelectronics STPSC8H065DI Datasheet HTML 5Page - STMicroelectronics STPSC8H065DI Datasheet HTML 6Page - STMicroelectronics STPSC8H065DI Datasheet HTML 7Page - STMicroelectronics STPSC8H065DI Datasheet HTML 8Page - STMicroelectronics STPSC8H065DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
K
NC
A
A
K
K
NC
A
A
K
K
TO-220AC
TO-220AC insulated
D²PAK
DPAK
A
K
Features
No reverse recovery charge in application current range
Switching behavior independent of temperature
High forward surge capability
Insulated package TO-220AC Ins:
Insulated voltage: 2500 VRMS
Typical package capacitance: 7 pF
Power efficient product
ECOPACK®2 compliant component
Applications
Switch mode power supply
PFC
DCDC converters
LLC topologies
Boost diode
Description
This 8 A, 650 V SiC diode is an ultrahigh performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
This STPSC8H065 is especially suited for use in PFC applications. This ST SiC
diode will boost the performance in hard switching conditions. Its high forward surge
capability ensures a good robustness during transient phases.
Product status
STPSC8H065
Product summary
Symbol
Value
IF(AV)
8 A
VRRM
650 V
Tj(max.)
175 °C
Product label
650 V, 8 A high surge silicon carbide power Schottky diode
STPSC8H065
Datasheet
DS9225 - Rev 8 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC8H065DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
More results

Similar Description - STPSC8H065DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSP0865A ONSEMI-FFSP0865A Datasheet
234Kb / 7P
Silicon Carbide Schottky Diode 650 V, 8 A
September, 2019 - Rev. 2
FFSB0865A ONSEMI-FFSB0865A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
November, 2021 - Rev. 5
FFSB0865B-F085 ONSEMI-FFSB0865B-F085_V01 Datasheet
333Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
FFSD0865B-F085 ONSEMI-FFSD0865B-F085_V01 Datasheet
398Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com