Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4046B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4046B
Description  MICRMICROPOWER PHASE-LOCKED LOOP _
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4046B Datasheet HTML 3Page - STMicroelectronics HCF4046B Datasheet HTML 4Page - STMicroelectronics HCF4046B Datasheet HTML 5Page - STMicroelectronics HCF4046B Datasheet HTML 6Page - STMicroelectronics HCF4046B Datasheet HTML 7Page - STMicroelectronics HCF4046B Datasheet HTML 8Page - STMicroelectronics HCF4046B Datasheet HTML 9Page - STMicroelectronics HCF4046B Datasheet HTML 10Page - STMicroelectronics HCF4046B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ELECTRICAL CARACTERISTICS (Tamb =25
oC)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
VCO SECTION
PD
Operating Power
Dissipation
fo = 10 KHz
R1 = 10 M
Ω
R2 =
∞
VCOIN
=
VDD
2
5
70
140
µW
10
800
1600
15
3000
6000
fmax
Maximum Frequency
R1 = 10 K
Ω C1 = 50 pF
R2 =
∞
VCOIN =VDD
5
0.3
0.6
MHz
10
0.6
1.2
15
0.8
1.6
R1 = 5 K
Ω
n C1 = 50 pF
R2 =
∞
VCOIN =VDD
5
0.5
0.8
10
1
1.4
15
1.4
2.4
Center Frequency (fo) and
Frequency Range fmax -fmin
Programmable with external components R1, R2 and C1
Linearity
VCOIN=2.5V
± 0.3
R1=10 K
Ω
5
1.7
%
VCOIN=5V
± 1
R1=100 K
Ω
10
0.5
VCOIN=5V
± 2.5
R1=400 K
Ω
10
4
VCOIN=7.5V
± 1.5 R1=100 KΩ
15
0.5
VCOIN=7.5V
± 5
R1=1 M
Ω
15
7
Temperature Frequency
Stability (no frequency
offset) fmin =0
5
±0.12
%/
oC
10
±0.04
15
±0.015
Temperature Frequency
Stability (frequency offset)
fmin
≠ 0
5
±0.09
10
±0.07
15
±0.03
VCO
Output Duty Cycle
5, 10, 15
50
%
tTHL
tTLH
VCO Output Transition
Time
5
100
200
ns
10
50
100
15
40
80
Source Follower Output
(demodulated Output):
Offset Voltage VCOIN -VDEM
RS >10 K
Ω
5, 10, 15
1.8
2.5
V
Source Follower Output
(demodulated Output):
Linearity
RS=100 K
Ω VCOIN=2.5±0.3V
5
0.3
%
RS=300 K
Ω VCOIN=5±2.5V
10
0.7
RS=500 K
Ω VCOIN=7.5±5V
15
0.9
VZ
Zener Diode Voltage
IZ =50
µA
4.45
5.5
7.5
V
RZ
Zener Dynamic Resistance
IZ = 1 mA
40
Ω
PHASE COMPARATOR SECTION
R14
Pin 14 (signal in) Input
Resistance
51
2
M
Ω
10
0.2
0.4
15
0.1
0.2
A.C. Coupled Signal Input
Voltage Sensitivity *
(peak to paek)
fin = 100 KHz sine wave
5
180
360
mV
10
330
660
15
900
1800
HCC/HCF4046B
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com