Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4046B Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4046B
Description  MICRMICROPOWER PHASE-LOCKED LOOP _
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4046B Datasheet HTML 5Page - STMicroelectronics HCF4046B Datasheet HTML 6Page - STMicroelectronics HCF4046B Datasheet HTML 7Page - STMicroelectronics HCF4046B Datasheet HTML 8Page - STMicroelectronics HCF4046B Datasheet HTML 9Page - STMicroelectronics HCF4046B Datasheet HTML 10Page - STMicroelectronics HCF4046B Datasheet HTML 11Page - STMicroelectronics HCF4046B Datasheet HTML 12Page - STMicroelectronics HCF4046B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DESIGN INFORMATION
This information is a guide for approximating the values of external components for the HCC/HCF 4046B in
a Phase-Locked-Loop system. The selected external components must be within the following ranges :
5k
Ω ≤ R1, R2, RS ≤ 1MΩ
C1
≥ 100pF at VDD ≥ 5V
C1
≥ 50pF at VDD ≥ 10V
CHARACTERISTICS
USING PHASE COMPARATOR I
USING PHASE COMPARATOR II
VCO WITHOUT
OFFSET R2 =
∞
VCO WITH
OFFSET
VCO WITHOUT
OFFSET R2 =
∞
VCO WITH
OFFSET
VCO Frequency
For No Signal Input
VCO in PLL System will Adjust to centre
frequency fo
VCO in PLL System will Adjust to Lowest
Operating Frequency fmin
Frequency Lock
Range, 2 fL
2fL = full VCO frequency range
2fL =fmax -fmin
Frequency Capture
Range, 2 fC
fC =fL
Loop Filter
Component Selection
Phase Angle
Between Signal and
Comparator
90
o at Centre Frequency (fo), approximating
0
o and 180o at ends of lock range (2 fL)
Always 0
o in lock
Locks on Harmonics
of Centre Frequency
Yes
No
Signal Input Noise
Rejection
High
Low
* G.S. Mosckytz ”miniaturized RC fil ters using phase Lockedloop” BSTJ, may 1965
HCC/HCF4046B
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com