Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4046B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4046B
Description  MICRMICROPOWER PHASE-LOCKED LOOP _
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4046B Datasheet HTML 1Page - STMicroelectronics HCF4046B Datasheet HTML 2Page - STMicroelectronics HCF4046B Datasheet HTML 3Page - STMicroelectronics HCF4046B Datasheet HTML 4Page - STMicroelectronics HCF4046B Datasheet HTML 5Page - STMicroelectronics HCF4046B Datasheet HTML 6Page - STMicroelectronics HCF4046B Datasheet HTML 7Page - STMicroelectronics HCF4046B Datasheet HTML 8Page - STMicroelectronics HCF4046B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4046B
MICROPOWER PHASE-LOCKED LOOP
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
VERY LOW POWER CONSUMPTION : 100
µW
(TYP.) AT VCO fo = 10kHz, VDD =5V
.
OPERATING FREQUENCY RANGE : UP TO
1.4MHz (TYP.) AT VDD = 10V
.
LOW FREQUENCY DRIFT : 0.06%/
°C (typ.) AT
VDD = 10V
.
CHOICE OF TWO PHASE COMPARATORS :
1) EXCLUSIVE - OR NETWORK
2) EDGE-CONTROLLED MEMORY NETWORK
WITH PHASE-PULSE OUTPUT FOR LOCK IN-
DICATION
.
HIGH VCO LINEARITY : 1% (TYP.)
.
VCO INHIBIT CONTROL FOR ON-OFF KE-
YING AND ULTRA-LOW STANDBY POWER
CONSUMPTION
.
SOURCE-FOLLOWER
OUTPUT
OF
VCO
CONTROL INPUT (demod. output)
.
ZENER DIODE TO ASSIST SUPPLY REGULA-
TION
.
5V, 10V AND 15V PARAMETRIC RATING
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4046B (extended temperature range) and
HCF4046B (intermediate temperature range) are
monolithic integrated circuits, available in 16-lead
dual in-line plastic or ceramic package. The
HCC/HCF4046B COS/MOS Micropower Phase-
Locked Loop (PLL) consists of a low-power, linear
voltage-controlled oscillator (VCO) and two different
phase comparators having a common signal-input
amplifier and a common comparator input. A 5.2V
zener diode is provided for supply regulation if
necessary.
EY
(Plastic Package)
F
(Ceramic Package)
C1
(Chip Carrier)
ORDER CODES :
HCC4046BF
HCF4046BEY
HCF4043BC1
PIN CONNECTIONS
DESCRIPTION
1/13


Similar Part No. - HCF4046B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
HCF4046BEY STMICROELECTRONICS-HCF4046BEY Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
HCF4046BM1 STMICROELECTRONICS-HCF4046BM1 Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
More results

Similar Description - HCF4046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com