Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CE Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32H533CE
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CE Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32H533CE Datasheet HTML 64Page - STMicroelectronics STM32H533CE Datasheet HTML 65Page - STMicroelectronics STM32H533CE Datasheet HTML 66Page - STMicroelectronics STM32H533CE Datasheet HTML 67Page - STMicroelectronics STM32H533CE Datasheet HTML 68Page - STMicroelectronics STM32H533CE Datasheet HTML 69Page - STMicroelectronics STM32H533CE Datasheet HTML 70Page - STMicroelectronics STM32H533CE Datasheet HTML 71Page - STMicroelectronics STM32H533CE Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 231 page
background image
C9
4
4
4
9
E2
9
D1
PC15-
OSC32_OUT
(OSC32_
OUT)
I/O
FT
-
EVENTOUT
OSC32_OUT
-
-
-
-
-
-
10
E2
PF0
I/O
FT_f
-
I3C2_SDA, I2C2_SDA, FMC_A0,
EVENTOUT
-
-
-
-
-
-
-
11
E1
PF1
I/O
FT_f
-
I3C2_SCL, I2C2_SCL, FMC_A1,
EVENTOUT
-
-
-
-
-
-
-
12
F4
PF2
I/O
FT_h
-
I2C2_SMBA, FMC_A2, EVENTOUT
-
-
-
-
-
-
-
13
F3
PF3
I/O
FT_h
-
FMC_A3, EVENTOUT
-
-
-
-
-
-
-
14
F2
PF4
I/O
FT_h
-
FMC_A4, EVENTOUT
-
-
-
-
-
-
-
15
F1
PF5
I/O
FT_h
-
I3C1_SCL, FMC_A5, EVENTOUT
-
-
-
-
-
10
K10
16
D4
VSS
S
-
-
-
-
--
-
-
11
D10
17
E7
VDD
S
-
-
-
-
-
-
-
-
-
-
18
G1
PF6
I/O
FT_h
-
OCTOSPI1_IO3, EVENTOUT
-
-
-
-
-
-
-
19
G2
PF7
I/O
FT_h
-
OCTOSPI1_IO2, EVENTOUT
-
-
-
-
-
-
-
20
G4
PF8
I/O
FT_h
-
OCTOSPI1_IO0, EVENTOUT
-
-
-
-
-
-
-
21
G3
PF9
I/O
FT_h
-
OCTOSPI1_IO1, EVENTOUT
-
-
-
-
-
-
-
22
H3
PF10
I/O
FT_h
-
PSSI_D15, OCTOSPI1_CLK,
DCMI_D11/PSSI_D11, EVENTOUT
-
D10
5
5
5
12
F1
23
H1
PH0-OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
D8
6
6
6
13F224
H2
PH1-
OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com