Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CE Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32H533CE
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32H533CE Datasheet HTML 20Page - STMicroelectronics STM32H533CE Datasheet HTML 21Page - STMicroelectronics STM32H533CE Datasheet HTML 22Page - STMicroelectronics STM32H533CE Datasheet HTML 23Page - STMicroelectronics STM32H533CE Datasheet HTML 24Page - STMicroelectronics STM32H533CE Datasheet HTML 25Page - STMicroelectronics STM32H533CE Datasheet HTML 26Page - STMicroelectronics STM32H533CE Datasheet HTML 27Page - STMicroelectronics STM32H533CE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 231 page
background image
Functional overview
STM32H533xx
24/231
DS14539 Rev 1
When TrustZone is enabled (TZEN=0xB4), the boot space must be in secure area. The
SECBOOTADD0[24:0] option bytes are used to select the boot secure memory address. A
unique boot entry option can be selected by setting the SECBOOT_LOCK option bit.
3.8
Global TrustZone controller (GTZC)
GTZC is used to configure TrustZone and privileged attributes within the full system.
The GTZC includes three different sub-blocks:
•
TZSC: TrustZone security controller
This sub-block defines the secure/privilege state of slave/master peripherals. It also
controls the non-secure area size for the watermark memory peripheral controller
Table 3. STM32H533xx boot mode when TrustZone is disabled (TZEN = 0xC3)
PRODUCT_STATE
BOOT0
pin
BOOT_UBE
FLASH_OP
TSR[29:22]
Boot address
option-byte
selection
Boot area
ST programmed default
value
Open
0
NA
NSBOOTADD[31:8]
Boot address
defined by user
option byte
NSBOOTADD[31:8]
Flash: 0x0800 0000
1
NA
NA
Bootloader
Bootloader
Provisioning
x
NA
NA
RSS
RSS
Provisioned,
Closed, Locked
x
NA
NSBOOTADD[31:8]
Boot address
defined by user
option byte
NSBOOTADD[31:8]
Flash: 0x0800 0000
Table 4. STM32H533xx boot mode when TrustZone is enabled (TZEN = 0xB4)
PRODUCT_STATE
BOOT0
pin
BOOT_UBE
FLASH_OP
TSR[29:22]
Boot address
option-byte
selection
Boot area
ST programmed
default value
Open
0
x
SECBOOTADD
[31:8]
Boot address defined
by user option byte
SECBOOTADD[31:8]
Flash: 0x0C00 0000
-
1
0xB4
NA
Bootloader
Bootloader
-
1
0xC3
NA
ST-iROT
ST-iROT
Provisioning
x
NA
NA
RSS
RSS
Provisioned,
TZ_Closed,
Closed, Locked
x
x
0xC3
ST-iROT
ST-iROT
ST-iROT
0xB4
SECBOOTADD
[31:8]
Boot address defined
by user option byte
SECBOOTADD[31:8]
Flash: 0x0C00 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com