Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CE Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32H533CE
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CE Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32H533CE Datasheet HTML 38Page - STMicroelectronics STM32H533CE Datasheet HTML 39Page - STMicroelectronics STM32H533CE Datasheet HTML 40Page - STMicroelectronics STM32H533CE Datasheet HTML 41Page - STMicroelectronics STM32H533CE Datasheet HTML 42Page - STMicroelectronics STM32H533CE Datasheet HTML 43Page - STMicroelectronics STM32H533CE Datasheet HTML 44Page - STMicroelectronics STM32H533CE Datasheet HTML 45Page - STMicroelectronics STM32H533CE Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 231 page
background image
Functional overview
STM32H533xx
42/231
DS14539 Rev 1
3.29
Secure advanced encryption standard hardware accelerator
(SAES) and encryption standard hardware accelerator (AES)
The devices embed two AES accelerators: SAES and AES. The SAES with hardware
unique key embeds protection against differential power analysis (DPA) and related side
channel attacks. The SAES can share its current key register information with the faster
AES using a dedicated hardware bus.
The SAES and the AES can be used to both encrypt and decrypt data using the AES
algorithm. It is a fully compliant implementation of the advanced encryption standard (AES)
as defined by Federal Information Processing Standards Publication (FIPS PUB 197, Nov
2001).
Multiple chaining modes are supported for key sizes of 128 or 256 bits. ECB, CBC, CTR,
CCM, GCM and GMAC chaining are supported by the AES and SAES.
SAES and AES support DMA single transfers for incoming and outgoing data (two DMA
channels required).
The SAES supports the selection of all the following key sources, while the AES support
only the first:
•
256-bit software key, written by the application in the key registers (write only)
•
256-bit derived by hardware secure key management.
The SAES and AES peripherals support:
•
Compliant implementation of standard NIST Special Publication 197, Advanced
Encryption Standard (AES) and Special Publication 800-38A, Recommendation for
Block Cipher Modes of Operation
•
128-bit data block processing
•
Support for cipher keys length of 128-bit and 256-bit
•
Encryption and decryption with multiple chaining modes:
–
Electronic codebook (ECB) mode
–
Cipher block chaining (CBC) mode
–
Counter (CTR) mode
–
Galois counter mode (GCM)
–
Galois message authentication code (GMAC) mode
–
Counter with CBC-MAC (CCM) mode
•
528 or 743 clock cycle latency in ECB encryption mode for SAES processing one
128-bit block of data with, respectively, 128-bit or 256-bit key
•
51 or 75 clock cycle latency in ECB encryption mode for AES processing one 128-bit
block of data with, respectively, 128-bit or 256-bit key
•
Integrated round key scheduler to compute the last round key for AES ECB/CBC
decryption
•
256-bit register for storing the cryptographic key (four 32-bit registers), with key
atomicity enforcement
•
128-bit registers for storing initialization vectors (four 32-bit registers)
•
One 32-bit INPUT buffer and one 32-bit OUTPUT buffer
•
Automatic data flow control with support of single-transfer direct memory access (DMA)
using two channels (one for incoming data, one for processed data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com