Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU6XXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 1 Page - STMicroelectronics

  STM32H533CEU6XXX Datasheet HTML 1Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 2Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 3Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 4Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 5Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 6Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 7Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 8Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 231 page
background image
This is information on a product in full production.
April 2024
DS14539 Rev 1
1/231
STM32H533xx
Arm® Cortex®-M33 32-bit MCU+TrustZone® + FPU, 375 DMIPS
250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
Datasheet
- production data
Features
Includes ST state-of-the-art patented technology
Core
• Arm® Cortex®-M33 CPU with TrustZone®,
FPU, frequency up to 250 MHz, MPU,
375 DMIPS (Dhrystone 2.1)
ART Accelerator
• 8-Kbyte instruction cache allowing
0-wait-state execution from flash and external
memories
• 4-Kbyte data cache for external memories
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 1023 CoreMark® (4.092 CoreMark®/MHz)
Memories
• Up to 512 Kbytes of embedded flash memory
with ECC, two banks read-while-write
• Up to 48-Kbyte per bank with high-cycling
capability (100 K cycles) for data flash
• 2-Kbyte OTP (one-time programmable)
• 272 Kbytes of SRAM (80-Kbyte SRAM2 with
ECC)
• 2 Kbytes of backup SRAM available in the
lowest power modes
• Flexible external memory controller with up to
16-bit data bus: SRAM, PSRAM, FRAM,
NOR/NAND memories
• One Octo-SPI memory interface with support
for serial PSRAM/NAND/NOR, hyper
RAM/flash frame formats
• One SD/SDIO/MMC interface
Clock management
• Internal oscillators: 64 MHz HSI,
48 MHz HSI48, 4 MHz CSI, 32 kHz LSI
• External oscillators: 4-50 MHz HSE,
32.768 kHz LSE
General-purpose inputs/outputs
• Up to 112 fast I/Os with interrupt capability
(most 5 V tolerant)
• Up to ten I/Os with independent supply down to
1.08 V
Low-power consumption
• Sleep, Stop, and Standby modes
• VBAT supply for RTC, 32 backup registers
(32-bit)
Security
• Arm® TrustZone® with Armv8-M mainline
security extension
• Up to eight configurable SAU regions
• TrustZone® aware and securable peripherals
UFBGA
LQFP48 (7 x 7 mm)
LQFP64 (10 x 10 mm)
LQFP100 14 x 14 mm)
LQFP144 (20 x 20 mm)
UFBGA100 (7 x 7 mm)
UFBGA144 (10 x 10 mm)
WLCSP39 (2.76 x 2.78 mm,
pitch 0.4mm)
UFQFPN48 (7 x 7 mm)
www.st.com


Similar Part No. - STM32H533CEU6XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H503RBT6 STMICROELECTRONICS-STM32H503RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32H523CCI6 STMICROELECTRONICS-STM32H523CCI6 Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI6TR STMICROELECTRONICS-STM32H523CCI6TR Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI7 STMICROELECTRONICS-STM32H523CCI7 Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI7TR STMICROELECTRONICS-STM32H523CCI7TR Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
More results

Similar Description - STM32H533CEU6XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32L010C6 STMICROELECTRONICS-STM32L010C6 Datasheet
2Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L010K8 STMICROELECTRONICS-STM32L010K8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32L010RB STMICROELECTRONICS-STM32L010RB Datasheet
1Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
07-Aug-2019
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com