Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESS-SEL Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # PESS-SEL
Description  Blank Labels by Material (cont.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PESS-SEL Datasheet(HTML) 3 Page - PANDUIT CORP.

  PESS-SEL Datasheet HTML 1Page - PANDUIT CORP. PESS-SEL Datasheet HTML 2Page - PANDUIT CORP. PESS-SEL Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
65
STATIC
SENSITIVE
Silver Polyester - Indoor/Outdoor Applications
U.S. Letter Sheet Format (8.5" x 11" / 215.9 mm x 279.4 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PLL-9-Y2S-10
GMY2-S
Polyester
Silver
1.00 x 0.50 (25.4 x 12.7)
73
10,000
PLL-35-Y2S-2.5
1.50 x 0.75 (38.1 x 19.1)
73
2500
PLL-36-Y2S-1
2.50 x 1.00 (63.5 x 25.4)
74
1000
PLL-25-Y2S-SH
8.50 x 11.00 (215.9 x 279.4)
74
25
• UV opaque material used to
cover EPROM windows
• Adhesive becomes
permanent after 24 hours
• Durable polyester, ideal for
the top of circuit boards
• Can be used (on top) before
wave solder process
• UV resistant for outdoor
applications
• Apply to flat, clean surfaces
only
DIN A4 Sheet Format (8.26" x 11.69" / 210 mm x 297 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PEL-9-Y1-10
GMY2-S
Polyester
Silver
0.50 x 0.50 (12.7 x 12.7)
76
10,000
PEL-1-Y1-10
0.70 x 0.25 (17.8 x 6.4)
76
10,000
PEL-4-Y1-10
0.70 x 0.33 (17.8 x 8.5)
76
10,000
PEL-10-Y1-5
0.70 x 0.50 (17.8 x 12.7)
76
5000
PEL-5-Y1-10
0.80 x 0.33 (20.3 x 8.5)
76
10,000
PEL-2-Y1-10
1.00 x 0.25 (25.4 x 6.4)
76
10,000
PEL-6-Y1-5
1.00 x 0.33 (25.4 x 8.5)
76
5000
PEL-11-Y1-5
1.00 x 0.50 (25.4 x 12.7)
76
5000
PEL-3-Y1-5
1.44 x 0.25 (36.5 x 6.4)
77
5000
PEL-7-Y1-5
1.50 x 0.33 (38.1 x 8.5)
77
5000
PEL-12-Y1-2.5
1.50 x 0.50 (38.1 x 12.7)
77
2500
PEL-8-Y1-2.5
2.00 x 0.33 (50.8 x 8.5)
77
2500
PEL-13-Y1-2.5
2.00 x 0.50 (50.8 x 12.7)
77
2500
PEL-14-Y1-1
2.00 x 0.83 (50.8 x 21.1)
77
1000
PEL-15-Y1-1
2.00 x 1.00 (50.8 x 25.4)
77
1000
PEL-16-Y1-0.5
2.50 x 1.33 (63.5 x 33.9)
77
500
PEL-A4-Y1-25
8.27 x 11.69 (210.0 x 297.0)
77
25
Blank Labels by Material (cont.)
Yellow Polyester - Indoor/Outdoor Applications (cont.)
DIN A4 Sheet Format (8.26" x 11.69" / 210 mm x 297 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PEL-25-Y2Y-10
GMY2-Y
Polyester
Yellow
0.35 x 0.59 (9.0 x 15.0)
76
10,000
PEL-26-Y2Y-5
0.43 x 0.75 (11.0 x 19.1)
76
5000
PEL-27-Y2Y-5
0.43 x 1.50 (11.0 x 38.1)
76
5000
PEL-4-Y2Y-10
0.70 x 0.33 (17.8 x 8.5)
76
10,000
PEL-10-Y2Y-5
0.70 x 0.50 (17.8 x 12.7)
76
5000
PEL-24-Y2Y-10
0.79 x 0.31 (20.0 x 8.0)
76
10,000
PEL-5-Y2Y-10
0.80 x 0.33 (20.3 x 8.5)
76
10,000
PEL-2-Y2Y-10
1.00 x 0.25 (25.4 x 6.4)
76
10,000
PEL-11-Y2Y-5
1.00 x 0.50 (25.4 x 12.7)
76
5000
PEL-7-Y2Y-5
1.50 x 0.33 (38.1 x 8.5)
77
5000
PEL-12-Y2Y-2.5
1.50 x 0.50 (38.1 x 12.7)
77
2500
PEL-15-Y2Y-1
2.00 x 1.00 (50.8 x 25.4)
77
1000
PEL-A4-Y2Y-25
8.27 x 11.69 (210.0 x 297.0)
77
25
Static Sensitive Label
DIN A4 Sheet Format (8.26" x 11.69" / 210 mm x 297 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Printable Area
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PESS-SEL
GMY2-Y
Polyester
Yellow
1.00 x 0.50
(25.4 x 12.7)
1.00 x 0.25
(25.4 x 6.4)
76
2500
*Order number of labels required in multiples of Std. Pkg. Qty.
• Adhesive becomes
permanent after 24 hours
• Durable polyester, ideal for
the top of circuit boards
• UV resistant for outdoor
applications
• Apply to flat, clean surfaces
only
• Warning sign, reference EIA
(Electronic Industries Assoc)
Standard RS-471 and MIL
Standard 129J
PAN-CODE ™
Laser Labels by Material



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com