Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESS-SEL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PESS-SEL
Description  Blank Labels by Material (cont.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PESS-SEL Datasheet(HTML) 1 Page - PANDUIT CORP.

  PESS-SEL Datasheet HTML 1Page - PANDUIT CORP. PESS-SEL Datasheet HTML 2Page - PANDUIT CORP. PESS-SEL Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
63
*Order number of labels required in multiples of Std. Pkg. Qty.
• Adhesive becomes
permanent after 24 hours
• Durable polyester, ideal for
the top of circuit boards
• Can be used (on top) before
wave solder process
• UV resistant for outdoor
applications
• Apply to flat, clean surfaces
only
White Polyester - Indoor/Outdoor Applications
U.S. Letter Sheet Format (8.5" x 11" / 215.9 mm x 279.4 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PLL-30-Y2-10
GMY2-W
Polyester
White
0.25 x 0.25 (6.4 x 6.4)
75
10,000
PLL-1-Y2-10
0.30 x 0.25 (7.6 x 6.4)
75
10,000
PLL-2-Y2-10
0.38 x 0.38 (9.5 x 9.5)
72
10,000
PLL-31-Y2-10
0.50 x 0.44 (12.7 x 11.1)
72
10,000
PLL-24-Y2-1
0.56 x 0.19 (14.3 x 4.8)
72
1000
PLL-24-Y2-5
0.56 x 0.19 (14.3 x 4.8)
72
5000
PLL-23-Y2-1
0.56 x 0.56 (14.3 x 14.3)
72
1000
PLL-23-Y2-5
0.56 x 0.56 (14.3 x 14.3)
72
5000
PLL-32-Y2-10
0.65 x 0.20 (16.5 x 5.1)
72
10,000
PLL-4-Y2-10
0.65 x 0.25 (16.5 x 6.4)
72
10,000
PLL-20-Y2-10
0.80 x 0.20 (20.3 x 5.1)
72
10,000
PLL-5-Y2-10
0.80 x 0.25 (20.3 x 6.4)
72
10,000
PLL-6-Y2-5
0.80 x 0.50 (20.3 x 12.7)
72
5000
PLL-6-Y2-10
0.80 x 0.50 (20.3 x 12.7)
72
10,000
PLL-7-Y2-10
1.00 x 0.25 (25.4 x 6.4)
72
10,000
PLL-8-Y2-5
1.00 x 0.38 (25.4 x 9.5)
72
5000
PLL-8-Y2-10
1.00 x 0.38 (25.4 x 9.5)
72
10,000
PLL-9-Y2-5
1.00 x 0.50 (25.4 x 12.7)
73
5000
PLL-9-Y2-10
1.00 x 0.50 (25.4 x 12.7)
72
10,000
PLL-10-Y2-2.5
1.00 x 0.75 (25.4 x 19.1)
73
2500
PLL-11-Y2-2.5
1.00 x 1.00 (25.4 x 25.4)
73
2500
PLL-12-Y2-1
1.00 x 1.33 (25.4 x 33.8)
73
1000
PLL-12-Y2-2.5
1.00 x 1.33 (25.4 x 33.8)
73
2500
PLL-34-Y2-10
1.25 x 0.38 (31.8 x 9.5)
73
10,000
PLL-14-Y2-5
1.50 x 0.25 (38.1 x 6.4)
73
5000
PLL-14-Y2-10
1.50 x 0.25 (38.1 x 6.4)
73
10,000
PLL-15-Y2-5
1.88 x 0.25 (47.6 x 6.4)
73
5000
PLL-15-Y2-10
1.88 x 0.25 (47.6 x 6.4)
73
10,000
PLL-16-Y2-2.5
1.88 x 0.38 (47.6 x 9.5)
73
2500
PLL-16-Y2-5
1.88 x 0.38 (47.6 x 9.5)
73
5000
PLL-17-Y2-1
1.88 x 0.83 (47.6 x 21.1)
73
1000
PLL-17-Y2-2.5
1.88 x 0.83 (47.6 x 21.1)
73
2500
PLL-18-Y2-1
1.88 x 1.33 (47.6 x 33.8)
74
1000
PLL-18-Y2-1.5
1.88 x 1.33 (47.6 x 33.8)
74
1500
PLL-36-Y2-1
2.50 x 1.00 (63.5 x 25.4)
74
1000
PLL-26-Y2-1
2.83 x 1.00 (72.0 x 25.4)
74
1000
PLL-27-Y2-1
2.83 x 1.38 (72.0 x 34.9)
74
1000
PLL-28-Y2-1
2.83 x 1.50 (72.0 x 38.1)
74
1000
PLL-19-Y2-1
3.00 x 0.38 (76.2 x 9.5)
74
1000
PLL-19-Y2-2.5
3.00 x 0.38 (76.2 x 9.5)
74
2500
PLL-29-Y2-1
4.25 x 2.00 (108.0 x 50.8)
74
1000
PLL-22-Y2-1
7.88 x 0.50 (200.0 x 12.7)
74
1000
PLL-25-Y2-SH
8.50 x 11.00 (215.9 x 279.4)
74
25
Blank Labels by Material (cont.)
PAN-CODE ™
Laser Labels by Material


Similar Part No. - PESS-SEL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PESS-A-CE PANDUIT-PESS-A-CE Datasheet
70Kb / 1P
Conductor Identification Labels
PESS-A-ES PANDUIT-PESS-A-ES Datasheet
70Kb / 1P
Conductor Identification Labels
PESS-A-L1 PANDUIT-PESS-A-L1 Datasheet
70Kb / 1P
Conductor Identification Labels
PESS-A-L2 PANDUIT-PESS-A-L2 Datasheet
70Kb / 1P
Conductor Identification Labels
PESS-A-L3 PANDUIT-PESS-A-L3 Datasheet
70Kb / 1P
Conductor Identification Labels
More results

Similar Description - PESS-SEL

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ010889 JAE-SJ010889 Datasheet
80Kb / 1P
CONT-JA16S
logo
STMicroelectronics
CN4616-000 STMICROELECTRONICS-CN4616-000 Datasheet
555Kb / 6P
Solar Identification Labels
Apr-2009
logo
List of Unclassifed Man...
RHS100 ETC2-RHS100 Datasheet
92Kb / 1P
Heatsink Assemblies (cont.)
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
Thermal Transfer Component Labels
C200X100YJJ PANDUIT-C200X100YJJ Datasheet
58Kb / 1P
OPTIMUM C200X100YJJ LASER/INJET LABELS
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C300X100YJJ PANDUIT-C300X100YJJ Datasheet
55Kb / 1P
OPTIMUM C300X100YJJ LASER INKJET LABELS
C400X100YJJ PANDUIT-C400X100YJJ Datasheet
45Kb / 1P
OPTIMUM C400X100YJJ LASER/INKJET LABELS
logo
Silicon Laboratories
EFR32FG1 SILABS-EFR32FG1 Datasheet
4Mb / 101P
Electronic Shelf Labels
logo
PANDUIT CORP.
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
LASER INKJET PRINTABLE LABELS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com