Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESS-SEL Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PESS-SEL
Description  Blank Labels by Material (cont.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PESS-SEL Datasheet(HTML) 2 Page - PANDUIT CORP.

  PESS-SEL Datasheet HTML 1Page - PANDUIT CORP. PESS-SEL Datasheet HTML 2Page - PANDUIT CORP. PESS-SEL Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
64
*Order number of labels required in multiples of Std. Pkg. Qty.
Yellow Polyester - Indoor/Outdoor Applications
U.S. Letter Sheet Format (8.5" x 11" / 215.9 mm x 279.4 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PLL-1-Y2Y-10
GMY2-Y
Polyester
Yellow
0.30 x 0.25 (7.6 x 6.4)
75
10,000
PLL-2-Y2Y-10
0.38 x 0.38 (9.5 x 9.5)
72
10,000
PLL-32-Y2Y-10
0.65 x 0.20 (16.5 x 5.1)
72
10,000
PLL-4-Y2Y-10
0.65 x 0.25 (16.5 x 6.4)
72
10,000
PLL-20-Y2Y-10
0.80 x 0.20 (20.3 x 5.1)
72
10,000
PLL-5-Y2Y-10
0.80 x 0.25 (20.3 x 6.4)
72
10,000
PLL-6-Y2Y-5
0.80 x 0.50 (20.3 x 12.7)
72
5000
PLL-6-Y2Y-10
0.80 x 0.50 (20.3 x 12.7)
72
10,000
PLL-7-Y2Y-10
1.00 x 0.25 (25.4 x 6.4)
72
10,000
PLL-8-Y2Y-5
1.00 x 0.38 (25.4 x 9.5)
72
5000
PLL-8-Y2Y-10
1.00 x 0.38 (25.4 x 9.5)
72
10,000
PLL-9-Y2Y-5
1.00 x 0.50 (25.4 x 12.7)
73
5000
PLL-9-Y2Y-10
1.00 x 0.50 (25.4 x 12.7)
73
10,000
PLL-34-Y2Y-10
1.25 x 0.38 (31.8 x 9.5)
73
10,000
PLL-14-Y2Y-5
1.50 x 0.25 (38.1 x 6.4)
73
5000
PLL-15-Y2Y-5
1.88 x 0.25 (47.6 x 6.4)
73
5000
PLL-16-Y2Y-2.5
1.88 x 0.38 (47.6 x 9.5)
73
2500
PLL-16-Y2Y-5
1.88 x 0.38 (47.6 x 9.5)
73
5000
PLL-17-Y2Y-2.5
1.88 x 0.83 (47.6 x 21.1)
73
2500
PLL-18-Y2Y-1
1.88 x 1.33 (47.6 x 33.8)
74
1000
PLL-18-Y2Y-1.5
1.88 x 1.33 (47.6 x 33.8)
74
1500
PLL-19-Y2Y-1
3.00 x 0.38 (76.2 x 9.5)
74
1000
PLL-19-Y2Y-2.5
3.00 x 0.38 (76.2 x 9.5)
74
2500
PLL-25-Y2Y-SH
8.50 x 11.00 (215.9 x 279.4)
74
25
• Adhesive becomes
permanent after 24 hours
• Durable polyester, ideal for
the top of circuit boards
• Can be used (on top) before
wave solder process
• UV resistant for outdoor
applications
• Apply to flat, clean surfaces
only
Blank Labels by Material (cont.)
White Polyester - Indoor/Outdoor Applications (cont.)
DIN A4 Sheet Format (8.26" x 11.69" / 210 mm x 297 mm)
Part
Number
Material
Color
Label Size
Width x Length
In. (mm)
Dwg.
Page
No.
Std.
Pkg.
Qty.*
PEL-9-Y2-10
GMY2-W
Polyester
White
0.50 x 0.50 (12.7 x 12.7)
76
10,000
PEL-29-Y2-10
0.56 x 0.25 (14.3 x 6.4)
76
10,000
PEL-28-Y2-5
0.56 x 0.56 (14.3 x 14.3)
76
5000
PEL-1-Y2-10
0.70 x 0.25 (17.8 x 6.4)
76
10,000
PEL-4-Y2-10
0.70 x 0.33 (17.8 x 8.5)
76
10,000
PEL-10-Y2-5
0.70 x 0.50 (17.8 x 12.7)
76
5000
PEL-5-Y2-10
0.80 x 0.33 (20.3 x 8.5)
76
10,000
PEL-2-Y2-10
1.00 x 0.25 (25.4 x 6.4)
76
10,000
PEL-6-Y2-5
1.00 x 0.33 (25.4 x 8.5)
76
5000
PEL-11-Y2-5
1.00 x 0.50 (25.4 x 12.7)
76
5000
PEL-3-Y2-5
1.44 x 0.25 (36.5 x 6.4)
77
5000
PEL-7-Y2-5
1.50 x 0.33 (38.1 x 8.5)
77
5000
PEL-12-Y2-2.5
1.50 x 0.50 (38.1 x 12.7)
77
2500
PEL-8-Y2-2.5
2.00 x 0.33 (50.8 x 8.5)
77
2500
PEL-13-Y2-2.5
2.00 x 0.50 (50.8 x 12.7)
77
2500
PEL-14-Y2-1
2.00 x 0.83 (50.8 x 21.1)
77
1000
PEL-15-Y2-1
2.00 x 1.00 (50.8 x 25.4)
77
1000
PEL-16-Y2-0.5
2.50 x 1.33 (63.5 x 33.9)
77
500
PEL-A4-Y2-25
8.27 x 11.69 (210.0 x 297.0)
77
25
• Adhesive becomes
permanent after 24 hours
• Durable polyester, ideal for
the top of circuit boards
• Can be used (on top) before
wave solder process
• UV resistant for outdoor
applications
• Apply to flat, clean surfaces
only
PAN-CODE ™
Laser Labels by Material



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com