Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS84A20RVQR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS84A20RVQR
Description  TPS84A20 2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS84A20RVQR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS84A20RVQR Datasheet HTML 17Page - Texas Instruments TPS84A20RVQR Datasheet HTML 18Page - Texas Instruments TPS84A20RVQR Datasheet HTML 19Page - Texas Instruments TPS84A20RVQR Datasheet HTML 20Page - Texas Instruments TPS84A20RVQR Datasheet HTML 21Page - Texas Instruments TPS84A20RVQR Datasheet HTML 22Page - Texas Instruments TPS84A20RVQR Datasheet HTML 23Page - Texas Instruments TPS84A20RVQR Datasheet HTML 24Page - Texas Instruments TPS84A20RVQR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
INH/UVLO
STSEL
AGND
Q1
INH
Control
SS/TR
21
TPS84A20
www.ti.com
SLVSBC6C – MARCH 2013 – REVISED DECEMBER 2019
Product Folder Links: TPS84A20
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
10.16 Output On/Off Inhibit (INH)
The INH pin provides electrical on/off control of the device. Once the INH pin voltage exceeds the threshold
voltage, the device starts operation. If the INH pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters low quiescent current state.
The INH pin has an internal pullup current source, allowing the user to float the INH pin for enabling the device. If
an application requires controlling the INH pin, use an open drain/collector device, or a suitable logic gate to
interface with the pin.
Figure 29 shows the typical application of the inhibit function. The Inhibit control has its own internal pullup to VIN
potential. An open-collector or open-drain device is recommended to control this input.
Turning Q1 on applies a low voltage to the inhibit control (INH) pin and disables the output of the supply, shown
in Figure 30. If Q1 is turned off, the supply executes a soft-start power-up sequence, as shown in Figure 31. A
regulated output voltage is produced within 2 ms. The waveforms were measured with a 5-A constant current
load.
Figure 29. Typical Inhibit Control
Figure 30. Inhibit Turn-Off
Figure 31. Inhibit Turn-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com