Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS84A20RVQR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS84A20RVQR
Description  TPS84A20 2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS84A20RVQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS84A20RVQR Datasheet HTML 3Page - Texas Instruments TPS84A20RVQR Datasheet HTML 4Page - Texas Instruments TPS84A20RVQR Datasheet HTML 5Page - Texas Instruments TPS84A20RVQR Datasheet HTML 6Page - Texas Instruments TPS84A20RVQR Datasheet HTML 7Page - Texas Instruments TPS84A20RVQR Datasheet HTML 8Page - Texas Instruments TPS84A20RVQR Datasheet HTML 9Page - Texas Instruments TPS84A20RVQR Datasheet HTML 10Page - Texas Instruments TPS84A20RVQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPS84A20
www.ti.com
SLVSBC6C – MARCH 2013 – REVISED DECEMBER 2019
Product Folder Links: TPS84A20
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Table 2. Pin Descriptions
TERMINAL
DESCRIPTION
NAME
NO.
AGND
2
Zero volt reference for the analog control circuit. These pins are not connected together internal to the
device and must be connected to one another using an AGND plane of the PCB. These pins are associated
with the internal analog ground (AGND) of the device. See Layout Considerations.
23
PGND
20
This is the return current path for the power stage of the device. Connect these pins to the load and to the
bypass capacitors associated with PVIN and VOUT.
21
31
32
33
VIN
3
Input bias voltage pin. Supplies the control circuitry of the power converter. Connect this pin to the input bias
supply. Connect bypass capacitors between this pin and PGND.
PVIN
1
Input switching voltage. Supplies voltage to the power switches of the converter. Connect these pins to the
input supply. Connect bypass capacitors between these pins and PGND.
11
12
39
40
VOUT
34
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the output
load and connect external bypass capacitors between these pins and PGND.
35
36
37
38
41
PH
10
Phase switch node. These pins must be connected to one another using a small copper island under the
device for thermal relief. Do not place any external component on these pins or tie them to a pin of another
function.
13
14
15
16
17
18
19
42
DNC
5
Do not connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
9
24
ISHARE
25
Current share pin. Connect this pin to other TPS84A20 devices ISHARE pin when paralleling multiple
TPS84A20 devices. When unused, treat this pin as a Do Not Connect (DNC) and leave it isolated from all
other signals or ground.
OCP_SEL
4
Over current protection select pin. Leave this pin open for hiccup mode operation. Connect this pin to AGND
for cycle-by-cycle operation. See Overcurrent Protection for more details.
ILIM
6
Current limit pin. Leave this pin open for full current limit threshold. Connect this pin to AGND to reduce the
current limit threshold by approximately 20%.
SYNC_OUT
7
Synchronization output pin. Provides a 180° out-of-phase clock signal.
PWRGD
8
Power Good flag pin. This open drain output asserts low if the output voltage is more than approximately
±6% out of regulation. A pullup resistor is required.
RT/CLK
22
This pin is connected to an internal frequency setting resistor which sets the default switching frequency. An
external resistor can be connected from this pin to AGND to increase the frequency. This pin can also be
used to synchronize to an external clock.
VADJ
26
Connecting a resistor between this pin and AGND sets the output voltage.
SENSE+
27
Remote sense connection. This pin must be connected to VOUT at the load or at the device pins. Connect
this pin to VOUT at the load for improved regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com