Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS84A20RVQR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS84A20RVQR
Description  TPS84A20 2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS84A20RVQR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS84A20RVQR Datasheet HTML 18Page - Texas Instruments TPS84A20RVQR Datasheet HTML 19Page - Texas Instruments TPS84A20RVQR Datasheet HTML 20Page - Texas Instruments TPS84A20RVQR Datasheet HTML 21Page - Texas Instruments TPS84A20RVQR Datasheet HTML 22Page - Texas Instruments TPS84A20RVQR Datasheet HTML 23Page - Texas Instruments TPS84A20RVQR Datasheet HTML 24Page - Texas Instruments TPS84A20RVQR Datasheet HTML 25Page - Texas Instruments TPS84A20RVQR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
SS/TR
STSEL
AGND
CSS
(Optional)
22
TPS84A20
SLVSBC6C – MARCH 2013 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TPS84A20
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
10.17 Slow Start (SS/TR)
Connecting the STSEL pin to AGND and leaving SS/TR pin open enables the internal SS capacitor with a slow
start interval of approximately 1.2 ms. Adding additional capacitance between the SS pin and AGND increases
the slow start time. Increasing the slow start time reduces inrush current. Table 8 shows an additional SS
capacitor connected to the SS/TR pin and the STSEL pin connected to AGND. See Table 8 for SS capacitor
values and timing interval.
Figure 32. Slow-Start Capacitor (CSS) and STSEL Connection
Table 8. Slow-Start Capacitor Values and Slow-Start Time
CSS (nF)
OPEN
3.3
4.7
10
15
22
33
SS Time (msec)
1.2
2.1
2.5
3.8
5.1
7.0
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com