Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS100LP Datasheet(PDF) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ACS100LP
Description  Direct-Drive Rotary Collet Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ACS100LP Datasheet(HTML) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ACS100LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
aerotech.com
ACS LP SERIES ORDERING INFORMATION
ACS200LP Mechanical-Bearing Direct-Drive Rotary Collet Stage
Motor (Required)
-M1
Low Current, -A Winding
Feedback (Required)
-E1
Incremental Encoder, 1 Vpp
-E2
Incremental Encoder, TTL, x5 Interpolation
-E3
Incremental Encoder, TTL, x10 Interpolation
-E4
Incremental Encoder, TTL, x25 Interpolation
-E5
Incremental Encoder, TTL, x50 Interpolation
Note: Digital output encoder signals are synthesized with a 16 MHz clock. Care must be taken to ensure that the
encoder sample rate on the controller is at least 16 MHz or higher. Slower clock rates are available on request.
Rear Seal (Optional)
-SL
Rear Seal
Wrench (Optional)
-WR
Wrench for Changing Collet
Metrology (Required)
-PL1
Metrology, Uncalibrated with Performance Plots
-PL2
Metrology, Calibrated (HALAR) with Performance Plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully
operational as quickly as possible. The following standard integration options are available for this
system. Please consult Aerotech if you are unsure what level of integration is required, or if you
desire custom integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that
will be used together (ex: drive, controller, and stage). This includes parameter file generation,
system tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is
typically used for spare parts, replacement parts, or items that will not be used together. These
components may or may not be part of a larger system.
Accessories (To Be Ordered As Separate Line Item)
Collet-ER25-CLTxx
ER40 DIN6499AA Electropolished Collet, 15.5 mm to 25 mm part
holding sizes available
Note: ER40 collet sizes below 15.5 mm diameter are not supported. Use the ACS150LP if these sizes are required.
CGF
Collet and Gripper Filtration Kit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com