Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS100LP Datasheet(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ACS100LP
Description  Direct-Drive Rotary Collet Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ACS100LP Datasheet(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ACS100LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
aerotech.com
4.3 MAX STROKE
62.2
150
94.3
69.8
15 APERTURE
COLLET TYPE: ER25
M6(1/4") CLEARANCE SLOT THRU
4 PLACES
101.6
4.00
100
3.94
127
5.00
125
4.92
44.5 HEX
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
18102
A
GENERAL DRAWING CLEANUP
1/12/17
SMARCKS
DIMENSIONS: MILLIMETERS
SMARCKS
SMARCKS
NAME
CHECK
APPR.
SMARCKS
12-JAN-17
MODEL BY:
MODEL FILENAME:
12-JAN-17
ACS-150LP
ACS150LP
PART CODE:
COLLET STAGE
ACS150LP-CAT
A
PART NAME:
DWG. NO.
REV
DIRECT-DRIVE ROTARY
12-JAN-17
ACS150LP MECHANICAL-BEARING
SHEET 1 OF 1
DATE
DRAW
PLACE DRAWING VIEWS BELOW
FITTING: 4MM OD TUBING
143.2
26.7 TYP
45.7
37.5
75
150
180
8
25
4X M5X0.8
8
BOTH SIDES
37 FLATS
2.5 MAX STROKE
6 APERTURE
COLLET TYPE: ER8
M6(1/4") CLEARANCE SLOT THRU
4 PLACES
75 2.95 SQ.
76.2 3.00 SQ.
19 HEX
62.2
100
78.4
66.4
DRAW
SHEET 1 OF 1
11-JAN-17
SMARCKS
CHECK
NAME
SMARCKS
APPR.
MODEL BY:
11-JAN-17
11-JAN-17
MODEL FILENAME:
ACS100LP
PART CODE:
COLLET STAGE
ACS-100LP
A
DIRECT-DRIVE ROTARY
DWG. NO.
ACS100LP-CAT
ACS100LP MECHANICAL BEARING
PART NAME:
REV
DATE
SMARCKS
PLACE DRAWING VIEWS BELOW
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
18101
A
GENERAL DRAWING CLEANUP
1/11/17
SMARCKS
DIMENSIONS: MILLIMETERS
FITTING: 4MM OD TUBING
94.4
8
25
25
50
100
130
4X M5X0.8
8
BOTH SIDES
23 TYP
47
ACS LP SERIES DIMENSIONS
ACS100LP
ACS150LP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com