Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS100LP Datasheet(PDF) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ACS100LP
Description  Direct-Drive Rotary Collet Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ACS100LP Datasheet(HTML) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ACS100LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ACS100LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
aerotech.com
5 MAX STROKE
BOTH SIDES
4X M5X0.8
8
FITTING: 4MM OD TUBING
8
26.7 TYP
45.7
50
100
200
25
230
199.9
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
18103
A
GENERAL DRAWING CLEANUP
1/12/17
SMARCKS
DIMENSIONS: MILLIMETERS
DWG. NO.
REV
SMARCKS
DATE
DRAW
12-JAN-17
SHEET 1 OF 1
NAME
SMARCKS
CHECK
SMARCKS
APPR.
12-JAN-17
12-JAN-17
MODEL BY:
MODEL FILENAME:
A
PART CODE:
COLLET STAGE
ACS-200LP
ACS200LP
ACS200LP-CAT
DIRECT-DRIVE ROTARY
PART NAME:
ACS200LP MECHANICAL-BEARING
PLACE DRAWING VIEWS BELOW
62.2
200
113.1
80.3
25 APERTURE
COLLET TYPE: ER40
M6(1/4") CLEARANCE SLOT THRU
4 PLACES
150 5.91 SQ
152.4 6.00 SQ
ACS LP SERIES DIMENSIONS
ACS200LP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com