Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1698024 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1698024
Description  NBC-R4OC/12,5-BC6A/R4OC-OG - Patch cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698024 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1698024 Datasheet HTML 1Page - PHOENIX CONTACT 1698024 Datasheet HTML 2Page - PHOENIX CONTACT 1698024 Datasheet HTML 3Page - PHOENIX CONTACT 1698024 Datasheet HTML 4Page - PHOENIX CONTACT 1698024 Datasheet HTML 5Page - PHOENIX CONTACT 1698024 Datasheet HTML 6Page - PHOENIX CONTACT 1698024 Datasheet HTML 7Page - PHOENIX CONTACT 1698024 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Patch cable, RJ45/IP20 straight on RJ45/IP20 straight, cable length: 12.5 m, number of
positions: 8, 10 Gbps, CAT6A, connection cross section: AWG 26- 26, Ethernet, 4x2xAWG26/7;
S/FTP, orange
Your advantages
Perfect for office, building, and protected industrial applications (e.g., in control cabinets)
•
Worldwide approval with CE, UL, WEEE, and EAC
•
Secure connection and disconnection with reliable locking clip protection
•
Ideal EMC properties, thanks to 360° shielding
•
Simultaneous power transmission with PoE++
•
Future-proof high-speed data transmission with up to 10 Gbps (CAT6<sub>A</sub>)
•
Commercial data
Item number
1698024
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB11
Product key
ABNABH
GTIN
4067923263437
Weight per piece (including packing)
628.6 g
Weight per piece (excluding packing)
628.6 g
Customs tariff number
85444210
Country of origin
CN
NBC-R4OC/12,5-BC6A/R4OC-OG - Patch cable
1698024
https://www.phoenixcontact.com/us/products/1698024
Nov 25, 2025, 12:20AM
Page 1 (8)


Similar Part No. - 1698024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1698020 PHOENIX-1698020 Datasheet
231Kb / 8P
NBC-R4OC/3,0-BC6A/R4OC-OG - Patch cable
1698021 PHOENIX-1698021 Datasheet
231Kb / 8P
NBC-R4OC/5,0-BC6A/R4OC-OG - Patch cable
1698022 PHOENIX-1698022 Datasheet
231Kb / 8P
NBC-R4OC/7,5-BC6A/R4OC-OG - Patch cable
1698023 PHOENIX-1698023 Datasheet
231Kb / 8P
NBC-R4OC/10,0-BC6A/R4OC-OG - Patch cable
1698025 PHOENIX-1698025 Datasheet
231Kb / 8P
NBC-R4OC/15,0-BC6A/R4OC-OG - Patch cable
More results

Similar Description - 1698024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891369 PHOENIX-2891369 Datasheet
86Kb / 5P
Patch cable - FL CAT6 PATCH 12,5
09/12/2020
1247658 PHOENIX-1247658 Datasheet
342Kb / 11P
Patch cable - NBC-R4ACB-PN4/.../...
1247661 PHOENIX-1247661 Datasheet
342Kb / 11P
Patch cable - NBC-R4ACS-PN4/.../...
1367339 PHOENIX-1367339 Datasheet
440Kb / 14P
NBC-R4OC/5,0-BC6A/R4OC-BL - Patch cable
1367340 PHOENIX-1367340 Datasheet
440Kb / 14P
NBC-R4OC/7,0-BC6A/R4OC-BL - Patch cable
1367336 PHOENIX-1367336 Datasheet
439Kb / 14P
NBC-R4OC/30,0-BC6A/R4OC - Patch cable
1367337 PHOENIX-1367337 Datasheet
440Kb / 14P
NBC-R4OC/50,0-BC6A/R4OC - Patch cable
1412809 PHOENIX-1412809 Datasheet
385Kb / 9P
NBC-M12FS/12,5-971/R4AQ VR - Network cable
1367338 PHOENIX-1367338 Datasheet
448Kb / 16P
NBC-R4OC/2,0-BC6A/R4OC-BL - Patch cable
1423165 PHOENIX-1423165 Datasheet
387Kb / 9P
NBC-M12FR/12,5-971/R4AQ VR - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com