Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73033DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS73033DBVR
Description  TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS73033DBVR Datasheet HTML 17Page - Texas Instruments TPS73033DBVR Datasheet HTML 18Page - Texas Instruments TPS73033DBVR Datasheet HTML 19Page - Texas Instruments TPS73033DBVR Datasheet HTML 20Page - Texas Instruments TPS73033DBVR Datasheet HTML 21Page - Texas Instruments TPS73033DBVR Datasheet HTML 22Page - Texas Instruments TPS73033DBVR Datasheet HTML 23Page - Texas Instruments TPS73033DBVR Datasheet HTML 24Page - Texas Instruments TPS73033DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Time (
s)
0
50
100 150 200 250 300 350 400 450 500 550
-0.05
-72
0
-64
0.05
-56
0.1
-48
0.15
-40
0.2
-32
0.25
-24
0.3
-16
0.35
-8
0.4
0
0.45
8
0.5
16
0.55
24
0.6
32
IOUT
VOUT
Figure 7-6. TPS730 Load Transient Response
7.3 Best Design Practices
Do place at least one, low-ESR, 2.2-μF capacitor as close as possible between the OUT pin of the regulator and
the GND pin.
Do place at least one, low-ESR, 0.1-μF capacitor as close as possible between the IN pin of the regulator and
the GND pin.
Do provide adequate thermal paths away from the device.
Do not place the input or output capacitor more than 10 mm away from the regulator.
Do not exceed the absolute maximum ratings.
Do not float the Enable (EN) pin.
Do not resistively or inductively load the NR pin.
Do not let the output voltage get more than 0.3 V above the input voltage.
7.4 Power Supply Recommendations
These devices are designed to operate from an input voltage supply range from 2.7 V to 5.5 V. The input voltage
range must provide adequate headroom in order for the device to have a regulated output. This input supply
must be well-regulated and stable. A 0.1-µF input capacitor is required for stability; if the input supply is noisy,
additional input capacitors with low ESR can help improve the output noise performance.
7.5 Layout
7.5.1 Layout Guidelines
Layout is a critical part of good power-supply design. There are several signal paths that conduct fast-changing
currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise or degrade
the power-supply performance. To help eliminate these problems, the IN pin should be bypassed to ground with
a low ESR ceramic bypass capacitor with an X5R or X7R dielectric.
Equivalent series inductance (ESL) and equivalent series resistance (ESR) must be minimized to maximize
performance and ensure stability. Every capacitor (CIN, COUT, CNR/SS, CFF) must be placed as close as possible
to the device and on the same side of the PCB as the regulator itself.
Do not place any of the capacitors on the opposite side of the PCB from where the regulator is installed. The
use of vias and long traces is strongly discouraged because these circuits may impact system performance
negatively, and even cause instability.
www.ti.com
TPS730
SBVS054K – NOVEMBER 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com