Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73033DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS73033DBVR
Description  TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73033DBVR Datasheet HTML 3Page - Texas Instruments TPS73033DBVR Datasheet HTML 4Page - Texas Instruments TPS73033DBVR Datasheet HTML 5Page - Texas Instruments TPS73033DBVR Datasheet HTML 6Page - Texas Instruments TPS73033DBVR Datasheet HTML 7Page - Texas Instruments TPS73033DBVR Datasheet HTML 8Page - Texas Instruments TPS73033DBVR Datasheet HTML 9Page - Texas Instruments TPS73033DBVR Datasheet HTML 10Page - Texas Instruments TPS73033DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
5.6 Typical Characteristics
over recommended operating temperature range TJ = –40°C to +125°C, VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT
= 10 μF, CNR = 0.01 μF, VOUT(nom) = 2.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
2.795
2.796
2.797
2.798
2.799
2.800
2.801
2.802
2.803
2.804
2.805
0
50
100
150
200
IOUT (mA)
VIN = 3.8 V
COUT = 10 F
m
TJ = 25 C
°
Legacy chip
Figure 5-1. TPS730 Output Voltage vs Output Current
Output Current (mA)
2.8
2.8025
2.805
2.8075
2.81
2.8125
2.815
2.8175
2.82
2.8225
2.825
0
50
100
150
200
-40
C
0
C
25
C
85
C
125
C
New chip
Figure 5-2. TPS730 Output Voltage vs Output Current
2.775
2.780
2.785
2.790
2.795
2.800
2.805
−40 −25 −10 5
20 35
50 65
80 95 110 125
TJ (°C)
IOUT = 200 mA
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 F
m
Legacy chip
Figure 5-3. TPS730 Output Voltage vs Junction Temperature
New chip
Figure 5-4. TPS730 Output Voltage vs Junction Temperature
0
50
100
150
200
250
−40 −25 −10 5
20 35
50 65
80
95 110 125
TJ (°C)
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 F
m
IOUT = 200 mA
Legacy chip
Figure 5-5. TPS730 Ground Current vs Junction Temperature
New chip
Figure 5-6. TPS730 Ground Current vs Junction Temperature
www.ti.com
TPS730
SBVS054K – NOVEMBER 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com