Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73033DBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS73033DBVR
Description  TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS73033DBVR Datasheet HTML 18Page - Texas Instruments TPS73033DBVR Datasheet HTML 19Page - Texas Instruments TPS73033DBVR Datasheet HTML 20Page - Texas Instruments TPS73033DBVR Datasheet HTML 21Page - Texas Instruments TPS73033DBVR Datasheet HTML 22Page - Texas Instruments TPS73033DBVR Datasheet HTML 23Page - Texas Instruments TPS73033DBVR Datasheet HTML 24Page - Texas Instruments TPS73033DBVR Datasheet HTML 25Page - Texas Instruments TPS73033DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
7.5.1.1 Board Layout Recommendations to Improve PSRR and Noise Performance
To improve AC measurements like PSRR, output noise, and transient response, TI recommends designing the
board with separate ground planes for VIN and VOUT, with each ground plane connected only at the GND pin of
the device. In addition, the ground connection for the bypass capacitor should connect directly to the GND pin of
the device.
7.5.1.2 Thermal Considerations
Thermal protection disables the output when the junction temperature rises to approximately 165°C, allowing
the device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits regulator dissipation, protecting the device from damage as a
result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature must be limited to 125°C maximum. To estimate the
margin of safety in a complete design (including heatsink), increase the ambient temperature until the thermal
protection is triggered; use worst-case loads and signal conditions.
The TPS730 internal protection circuitry is designed to protect against overload conditions. This circuitry is
not intended to replace proper heatsinking. Continuously running the TPS730 into thermal shutdown degrades
device reliability.
7.5.1.3 Power Dissipation
Specified regulator operation is assured to a junction temperature of +125°C; the maximum junction temperature
should be restricted to +125°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum power dissipation limit is determined using Equation 4:
J
A
D ( m a x )
J A
T m a x
T
P
R
4
(4)
where:
• TJmax is the maximum allowable junction temperature
• RθJA is the thermal resistance junction-to-ambient for the package (see the Thermal Information table)
• TA is the ambient temperature
The regulator dissipation is calculated using Equation 5:
D
IN
O U T
O U T
P
( V
V
)
I
u
(5)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
Figure 7-7 illustrates the maximum ambient temperature versus the power dissipation of the TPS730. This figure
assumes the device is soldered on a JEDEC standard, high-K layout with no airflow over the board. Actual
board thermal impedances vary widely. If the application requires high power dissipation, having a thorough
understanding of the board temperature and thermal impedances is helpful to ensure the TPS730 does not
operate above a junction temperature of 125°C.
TPS730
SBVS054K – NOVEMBER 2004 – REVISED JUNE 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com