Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4067B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4067B
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4067B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4067B Datasheet HTML 1Page - STMicroelectronics HCF4067B Datasheet HTML 2Page - STMicroelectronics HCF4067B Datasheet HTML 3Page - STMicroelectronics HCF4067B Datasheet HTML 4Page - STMicroelectronics HCF4067B Datasheet HTML 5Page - STMicroelectronics HCF4067B Datasheet HTML 6Page - STMicroelectronics HCF4067B Datasheet HTML 7Page - STMicroelectronics HCF4067B Datasheet HTML 8Page - STMicroelectronics HCF4067B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HCC/HCF4067B
HCC/HCF4097B
September 1988
ANALOG MULTIPLEXER/DEMULTIPLEXER
EY
(Plastic Package)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
F
(Ceramic Package)
M1
(Micro Package)
C1
(Chip Carrier)
PIN CONNECTIONS
.
LOW ON RESISTANCE: 125
Ω (typ.) OVER 15
Vp-p SIGNAL INPUT RANGE FOR
VDD -VSS = 15V
.
HIGH OFF RESISTANCE: CHANNEL LEAK-
AGE OF
±10pA (typ.) @ VDD -VSS = 10V
.
MATCHED
SWITCH
CHARACTERISTICS:
∆RON =5Ω (typ.) FOR VDD -VSS = 15V
.
VERY LOW QUIESCENT POWER DISSIPA-
TION UNDER A DIGITAL CONTROL INPUT
AND SUPPLY CONDITIONS: 0.2
µW (typ.) @
VDD -VSS = 10V
.
BINARY ADDRESS DECODING ON CHIP
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
5V, 10V AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
oC
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF B
SERIE CMOS DEVICES”
4067B
4097B
4067B–SINGLE 16-CHANNEL
4097B–DIFFERENTIAL 8-CHANNEL
1/16


Similar Part No. - HCF4067B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4067B STMICROELECTRONICS-HCF4067B Datasheet
233Kb / 10P
ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER
Sep-2002
HCF4067BM1 STMICROELECTRONICS-HCF4067BM1 Datasheet
233Kb / 10P
ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER
Sep-2002
More results

Similar Description - HCF4067B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4052 ONSEMI-MC74LVX4052_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 7
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com