Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV210-SM02-R Datasheet(PDF) 9 Page - Superior Sensors Technology.

Part # HV210-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV210-SM02-R Datasheet(HTML) 9 Page - Superior Sensors Technology.

Back Button HV210-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
9 
DS‐0001G.DOCX 
10.4.3 I2C Clock Stretching
The  figure  to  the  right  illustrates  the  I
2C 
clock stretching by the sensor. At times, the 
sensor requires additional time to respond 
to the host and utilizes the clock stretching 
feature  of  the  I
2C  protocol.  This  is 
accomplished by  holding  the  SCL  low  after 
the  ACK  cycle  of  a  data  transfer.  Refer  to 
Section  7.5  for  the  clock  stretching  timing. 
Note, the maximum clock stretch time will 
generally only occur once during the three 
ACK  cycles  of  a  two  byte  transfer.  That  is, 
the  balance  of  ACK's  during  a  multi‐byte 
transfer will generally include the typical clock stretching time. 
10.4.4 I2C Bus Compatibility
The  I
2C  specification  allows  any  recessive  voltage  between  3.0  and  5.0  V.  Different  devices  on  the  bus  may  operate  at  different 
voltage  levels.  However,  the  maximum  voltage  on  any  port  pin  must  conform  to  the  electrical  characteristics  specifications  (See 
section  1).  The  bi‐directional  SCL  (serial  clock)  and  SDA  (serial  data)  lines  must  be  connected  to  a  positive  power  supply  voltage 
through a pull‐up resistor or similar circuit. Every device connected to the bus must have an open‐drain or open‐collector output for 
both the SCL and SDA lines, so that both are pulled high (recessive state) when the bus is free. 
10.5 Extended Data Acquisition
10.5.1 Available Extended Data
For either the SPI or I
2C interface, additional data is available beyond the pressure. The means to access this extended data is to 
continue reading data (either SPI or I
2C) beyond the first 16 bits of pressure information. The following table defines the order of the 
available data and respective format. 
Data 
Bytes 
Format 
Interpretation 
Example 
Pressure 
1‐2 
2 byte, Signed Int 
See Section 10.7 
See Section 10.7 
Temperature 
3‐4 
2 byte, Signed Int 
Fixed Decimal [8.8 bits], Upper 8 bits 
integer, lower 8 bits fractional. 
Temperature in °C 
1880H (18.80H) = 24.5°C 
Model 
5‐10 
6 byte, ASCII, null 
terminated 
Right reading ASCII with null 
termination 
48H,56H,32H,31H,30H,00H = HV210 
Serial Number 
11‐14 
4 byte, Hex 
Unique 4 byte serial for each part 
2FD627A4H 
Build Number 
15‐20 
6 byte, ASCII, null 
terminated 
Right reading ASCII with null 
termination 
30H,30H,30H,33H,43H,00H = 0003C 
10.5.2 SPI Extended Data Read
Reading  the  extended  data  while  using  the  SPI  interface  is  the  same  as  shown  in  Section  10.3  with  exception  that  the  master 
continues to read during the same nSS sequence to read all 20 bytes of the extended data. Any portion of the 20 bytes can be read 
during the transfer. That is, for example, 4 bytes could be read to acquire only the pressure and temperature information.  When 
reading  the  extended  data,  only  the  first  two  bytes  sent  to  the  sensor  (User  Mode  and  User  Rate)  are  used  to  set  the  internal 
registers. The subsequent bytes (bytes 5 through 20) are ignored. Data read following the first 20 bytes is undefined. 
10.5.3 I2C Extended Data Read
Reading the extended data via the I
2C interface is similar to using the SPI interface where the master can simply continue to reading 
the sensor during the pressure reading transfer. The master continues Ack'ing until the number of desired bytes are read. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com