Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV210-SM02-R Datasheet(PDF) 13 Page - Superior Sensors Technology.

Part # HV210-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV210-SM02-R Datasheet(HTML) 13 Page - Superior Sensors Technology.

Back Button HV210-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 15Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 16Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 17Page - Superior Sensors Technology.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
13 
DS‐0001G.DOCX 
11.3 Pinout
Pin 
Sym 
SPI 
I
2C
1 
nSS 
Slave Select 
(active low) 
Tie to Ground 
2 
MOSI/SCL 
MOSI 
SCL 
3 
MISO/SDA 
MISO 
SDA 
4 
SCK 
Serial Clock 
See Section 10.4.1 
5 
DNC 
Do Not Connect 
6 
DNC 
Do Not Connect 
7 
DNC 
Do Not Connect 
8 
Gnd 
Ground 
9 
VDD 
Sensor Supply 
10 
nRST 
Reset (active low) 
11 
DAV 
Data Available 
11.4 Reflow Soldering and Handling Conditions
Parameter 
Sym 
Val
Units
Soldering Specifications (Max) 
Preheat Ramp Rate 
Soak Time 
Time Above 217C 
Time Above 230C 
Time Above 250C 
Peak Temperature 
Cooling Ramp Rate 
 
tPHRR 
tSOAK 
tGT217 
tGT230 
tGT250 
tPT 
tCRR 
 
3 
3 
50 
40 
15 
255 
‐4 
 
°C/s 
min 
s 
s 
s 
°C 
°C/s 
Weight 
WPRT 
3.5 
gm 
Moisture Sensitivity 
MSL 
3  
ESD (Human Body Model) 
ESD 
2 
kV 
11.5 Pick and Place Pick-up Zone
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com